Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP36A Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # 30KP36A
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30KP36A Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  30KP36A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30KP36A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 30KP36A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 30KP36A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
50
100
0
T, Time(ms)
01
2
3
Peak Value - IPP
Test Waveform
Paramiters
tr = 10 μs
tp = 1000 μs
10x1000
μs Waveform
Half Value - IPP
2
tp
tr
Fig. 2 - Pulse Wave Form
175
Fig. 1 - Pulse Derating Curve
25
100
0
Ambient Temperature , (C°)
050
100
150
25
75
125
50
75
125
td Pulse Time - sec
100ns
1
μs10μs
100
μs
1ms
10ms
1.0
10
100
1,000
Fig. 3 - Peak Pulse Power vs. Pulse Time
1
10,000
1,000
10
1
10
100
1,000
VBR - Breakdown Voltage - Volts
Measued at
Stand-off Voltage
Measued at
Zero Bias
Fig. 4 - Typical Capacitance vs. Breakdown Voltage
www.sunmate.tw


Similar Part No. - 30KP36A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP36A MICROSEMI-30KP36A Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP36A NJSEMI-30KP36A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP36A NJSEMI-30KP36A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP36A LEIDITECH-30KP36A Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP36A NJSEMI-30KP36A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP36A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com