Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4924 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4924
Description  Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4924 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4924 Datasheet HTML 2Page - Texas Instruments LM4924 Datasheet HTML 3Page - Texas Instruments LM4924 Datasheet HTML 4Page - Texas Instruments LM4924 Datasheet HTML 5Page - Texas Instruments LM4924 Datasheet HTML 6Page - Texas Instruments LM4924 Datasheet HTML 7Page - Texas Instruments LM4924 Datasheet HTML 8Page - Texas Instruments LM4924 Datasheet HTML 9Page - Texas Instruments LM4924 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
4k
8k
12k
16k
2
5
10
20
50
100
FREQUENCY (Hz)
20k
4k
8k
12k
16k
2
5
10
20
50
100
FREQUENCY (Hz)
20k
20
200
2k
-80
-60
-40
-20
-100
0
FREQUENCY (Hz)
20k
20
200
2k
-80
-60
-40
-20
-100
0
FREQUENCY (Hz)
20k
1
10
.01
0.1
1
10
OUTPUT POWER (mW)
100
1
10
.01
0.1
1
10
OUTPUT POWER (mW)
100
LM4924
SNAS272B – OCTOBER 2004 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.0V, RL = 16Ω, f = 1kHz
VDD = 3.0V, RL = 32Ω, f = 1kHz
Figure 11.
Figure 12.
Power Supply Rejection Ratio
Power Supply Rejection Ratio
VDD = 1.8V, RL = 16Ω,
VDD = 3.0V, RL = 16Ω,
Vripple = 200mVp-p, Input Terminated into 10
Ω load
Vripple = 200mVp-p, Input Terminated into 10
Ω load
Figure 13.
Figure 14.
Noise Floor
Noise Floor
VDD = 1.8V, RL = 16Ω
VDD = 3.0V, RL = 16Ω
Figure 15.
Figure 16.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4924


Similar Part No. - LM4924

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4924MM NSC-LM4924MM Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4924SD NSC-LM4924SD Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
More results

Similar Description - LM4924

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
   2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
   Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com