Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C166 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C166
Description  16K x 4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C166 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C166 Datasheet HTML 1Page - Cypress Semiconductor CY7C166 Datasheet HTML 2Page - Cypress Semiconductor CY7C166 Datasheet HTML 3Page - Cypress Semiconductor CY7C166 Datasheet HTML 4Page - Cypress Semiconductor CY7C166 Datasheet HTML 5Page - Cypress Semiconductor CY7C166 Datasheet HTML 6Page - Cypress Semiconductor CY7C166 Datasheet HTML 7Page - Cypress Semiconductor CY7C166 Datasheet HTML 8Page - Cypress Semiconductor CY7C166 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. **
Page 3 of 9
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 481
R2
255
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
< 5ns
< 5 ns
5V
OUTPUT
R1 481
R2
255
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
C164–5
C164–6
167
Switching Characteristics Over the Operating Range[5]
7C164-15
7C166-15
7C164-20
7C166-20
7C164-25
7C166-25
7C164-35
7C166-35
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
20
25
35
ns
tAA
Address to Data Valid
15
20
25
35
ns
tOHA
Output Hold from Address Change
3
5
5
5
ns
tACE
CE LOW to Data Valid
15
20
25
35
ns
tDOE
OE LOW to Data Valid
7C166
10
10
12
15
ns
tLZOE
OE LOW to Low Z
7C166
3
3
3
3
ns
tHZOE
OE HIGH to High Z
7C166
8
8
10
12
ns
tLZCE
CE LOW to Low Z[6]
3
5
5
5
ns
tHZCE
CE HIGH to High Z[6, 7]
8
8
10
15
ns
tPU
CE LOW to Power-Up
0
0
0
0
ns
tPD
CE HIGH to Power-Down
15
20
20
20
ns
WRITE CYCLE[8]
tWC
Write Cycle Time
15
20
20
25
ns
tSCE
CE LOW to Write End
12
15
20
25
ns
tAW
Address Set-Up to Write End
12
15
20
25
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
12
15
15
20
ns
tSD
Data Set-Up to Write End
10
10
10
15
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
5
5
5
5
ns
tHZWE
WE LOW to High Z[6, 7]
7
7
7
10
ns
Notes:
5.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE for any given device. These parameters are guaranteed by design and not 100% tested.
7.
tHZCE and tHZWE are specified with CL = 5 pF as in part (b) in AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
8.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can terminate
a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.


Similar Part No. - CY7C166

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C166 CYPRESS-CY7C166 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-25VC CYPRESS-CY7C166-25VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1663KV18-550BZXC CYPRESS-CY7C1663KV18-550BZXC Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C166

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com