Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP335EER1-L Datasheet(PDF) 9 Page - Exar Corporation

Part # SP335EER1-L
Description  RS-232/RS-485/RS-422 TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP335EER1-L Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP335EER1-L Datasheet HTML 5Page - Exar Corporation SP335EER1-L Datasheet HTML 6Page - Exar Corporation SP335EER1-L Datasheet HTML 7Page - Exar Corporation SP335EER1-L Datasheet HTML 8Page - Exar Corporation SP335EER1-L Datasheet HTML 9Page - Exar Corporation SP335EER1-L Datasheet HTML 10Page - Exar Corporation SP335EER1-L Datasheet HTML 11Page - Exar Corporation SP335EER1-L Datasheet HTML 12Page - Exar Corporation SP335EER1-L Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SP335E
9
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SUGGESTED DB9 CONNECTOR PINOUT
DB9
Pin
RS-232
RS-485
Full Duplex
RS-485
Half Duplex
1
2
RXD
RX+
3
TXD
TX-
Data-
4
5
Ground
6
7
RTS
TX+
Data+
8
CTS
RX-
9


Similar Part No. - SP335EER1-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP335EER1-L EXAR-SP335EER1-L Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
SP335EER1-L/TR EXAR-SP335EER1-L/TR Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP335EER1-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com