Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3203E Datasheet(PDF) 10 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation SP3203E Datasheet HTML 10Page - Exar Corporation SP3203E Datasheet HTML 11Page - Exar Corporation SP3203E Datasheet HTML 12Page - Exar Corporation SP3203E Datasheet HTML 13Page - Exar Corporation SP3203E Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
0
Figure 5. Charge Pump - Phase 
Figure 6. Charge Pump - Phase 2
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
Ch1 2.00V Ch2 2.00V M 1.00ms Ch1 1.96V
2
1
T
T
[
]
T
2
+6V
a) C2+
b) C2-
-6V
0V
0V
Figure 7. Charge Pump Waveforms
Figure 8. Charge Pump - Phase 3
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
Figure 9. Charge Pump - Phase 4
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+


Similar Part No. - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E Datasheet
116Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
509Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
116Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
More results

Similar Description - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
   RS-232/RS-485 Multi-Mode Serial Transceiver
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
   3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com