Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2526A Datasheet(PDF) 4 Page - Exar Corporation

Part # SP2526A
Description  Dual Channel USB Power Distribution Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2526A Datasheet(HTML) 4 Page - Exar Corporation

  SP2526A Datasheet HTML 1Page - Exar Corporation SP2526A Datasheet HTML 2Page - Exar Corporation SP2526A Datasheet HTML 3Page - Exar Corporation SP2526A Datasheet HTML 4Page - Exar Corporation SP2526A Datasheet HTML 5Page - Exar Corporation SP2526A Datasheet HTML 6Page - Exar Corporation SP2526A Datasheet HTML 7Page - Exar Corporation SP2526A Datasheet HTML 8Page - Exar Corporation SP2526A Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
S
SP
P2
25
52
26
6A
A
D
Du
ua
all C
Ch
ha
an
nn
ne
ell U
US
SB
B P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
4/9
Rev. 2.1.0
PIN DESCRIPTION
Name
Pin Number
Description
ENA
1
Enable Input for channel A.
Active High for SP2526A-1 and Active Low for SP2526A-2
FLGA
2
An active-low and open-drained fault flag output for channel A. It can indicate
current limit ENA is active. In normal mode operation (ENA and/or ENB is active),
it also can indicate thermal shutdown or under voltage
FLGB
3
An active-low and open-drained fault flag output for channel B. It can indicate
current limit ENA is active. In normal mode operation (ENA and/or ENB is active),
it also can indicate thermal shutdown or under voltage
ENB
1
Enable Input for channel B.
Active High for SP2526A-1 and Active Low for SP2526A-2
OUTB
5
Output for Channel B. This is the output pin of the MOSFET source of channel B,
typically connected to the switched side of the load
GND
6
Ground
IN
7
Power Supply Input
OUTA
8
Output for Channel A. This is the output pin of the MOSFET source of channel A,
typically connected to the switched side of the load
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP2526A-1EN-L
-40°C≤TA≤+85°C
Sipex
2526A-1E
YYWWL
NSOIC8
Bulk
RoHS Compliant
Halogen Free
Enable
Active high
SP2526A-1EN-L/TR
-40°C≤TA≤+85°C
2.5K/Tape & Reel
SP2526A-2EN-L
-40°C≤TA≤+85°C
Sipex
2526A-2E
YYWWL
NSOIC8
Bulk
RoHS Compliant
Halogen Free
Enable Active
Low
SP2526A-2EN-L/TR
-40°C≤TA≤+85°C
2.5K/Tape & Reel
“YY” = Year – “WW” = Work Week – “X” = Lot Number


Similar Part No. - SP2526A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
SP2526A-1EN SIPEX-SP2526A-1EN Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
SP2526A-1EN/TR SIPEX-SP2526A-1EN/TR Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
SP2526A-2EN SIPEX-SP2526A-2EN Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
SP2526A-2EN/TR SIPEX-SP2526A-2EN/TR Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
More results

Similar Description - SP2526A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
logo
Unisonic Technologies
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com