Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ26500PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26500PW
Description  SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26500PW Datasheet(HTML) 5 Page - Texas Instruments

  BQ26500PW Datasheet HTML 1Page - Texas Instruments BQ26500PW Datasheet HTML 2Page - Texas Instruments BQ26500PW Datasheet HTML 3Page - Texas Instruments BQ26500PW Datasheet HTML 4Page - Texas Instruments BQ26500PW Datasheet HTML 5Page - Texas Instruments BQ26500PW Datasheet HTML 6Page - Texas Instruments BQ26500PW Datasheet HTML 7Page - Texas Instruments BQ26500PW Datasheet HTML 8Page - Texas Instruments BQ26500PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
bq26500
SLUS567A − JUNE, 2003 − REVISED OCTOBER 2003
5
www.ti.com
Autocalibration and
Autocompensating
VFC
UDG−03041
1
2
3
4
8
7
6
5
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
HDQ
bq26500
+
HDQ
PACK−
PACK+
Battery Pack
ESD Protection
R4
R3
Protection
Controller
C4
0.1
µF
C3
0.1
µF
C2
0.1
µF
R2
100 k
R1
100 k
C1
0.1
µF
RS
0.02
Li-Ion
or
Li-Pol
R5
1 M
100
100
D1
5.6 V
Figure 2. Typical Application Circuit
Temperature
Compensated
Precision Oscillator
Clock
Generator
EEPROM
RAM
SCPU
System I/O
and Control
Temperature
Sensor
ADC
2
VCC
7
SRP
6
SRN
5
BAT
4
HDQ
8
GPIO
1
RBI
3
VSS
Autocalibrating and
Autocompensating
VFC
UDG−03040
Bandgap
Reference and
Bias
Figure 3. Functional Block Diagram


Similar Part No. - BQ26500PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500PW TI-BQ26500PW Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ26500PWG4 TI-BQ26500PWG4 Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ26500PWRG4 TI-BQ26500PWRG4 Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
More results

Similar Description - BQ26500PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ26501 TI-BQ26501 Datasheet
340Kb / 27P
[Old version datasheet]   SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com