Electronic Components Datasheet Search |
|
SN74AUP1G08DRY2 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74AUP1G08DRY2 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 38 page 5 SN74AUP1G08 www.ti.com SCES502P – NOVEMBER 2003 – REVISED JUNE 2016 Product Folder Links: SN74AUP1G08 Submit Documentation Feedback Copyright © 2003–2016, Texas Instruments Incorporated Pin Functions PIN I/O DESCRIPTION NAME DRL, DCK, DBV DPW DRY, DSF YZP YFP A 1 2 1 A1 A1 I Input A B 2 1 2 B1 B1 I Input B DNU – – – – B2 – Do not use GND 3 3 3 C1 C1 – Ground N.C. – – 5 – – – No internal connection VCC 5 5 6 A2 A2 – Power Pin Y 4 4 4 C2 C2 O Output Y (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage –0.5 4.6 V VI Input voltage(2) –0.5 4.6 V VO Voltage range applied to any output in the high-impedance or power-off state (2) –0.5 4.6 V VO Output voltage range in the high or low state(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±50 mA TJ Maximum junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) 2000 V Charged device model (CDM), per JEDEC specification JESD22-C101(2) 1000 (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage 0.8 3.6 V VIH High-level input voltage VCC = 0.8 V VCC V VCC = 1.1 V to 1.95 V 0.65 × VCC VCC = 2.3 V to 2.7 V 1.6 VCC = 3 V to 3.6 V 2 |
Similar Part No. - SN74AUP1G08DRY2 |
|
Similar Description - SN74AUP1G08DRY2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |