Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G08RSER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G08RSER
Description  LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G08RSER Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP2G08RSER Datasheet HTML 1Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 2Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 3Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 4Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 5Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 6Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 7Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 8Page - Texas Instruments SN74AUP2G08RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Y + A • B or Y + A ) B
1A
1
2
7
1B
1Y
2A
5
6
3
2B
2Y
SN74AUP2G08
SCES681D – JANUARY 2008 – REVISED OCTOBER 2010
www.ti.com
This dual 2-input positive-AND gate performs the Boolean function
in positive logic.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP2G08YFPR
_ _ _ HE_
0.23-mm Large Bump – YFP
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP2G08YZPR
_ _ _ HE_
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
X2SON – DQE
Reel of 5000
SN74AUP2G08DQER
PR
QFN – RSE
Reel of 5000
SN74AUP2G08RSER
PR
VSSOP – DCU
Reel of 3000
SN74AUP2G08DCUR
H08_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
DCU: The actual top-side marking has one additional character to denote wafer fab/assembly site.
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
L
H
L
L
H
H
H
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin numbers shown are for DCU, YFP, and YZP packages.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G08


Similar Part No. - SN74AUP2G08RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G08RSER TI-SN74AUP2G08RSER Datasheet
454Kb / 15P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUP2G08RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI-SN74AUP2G08_1 Datasheet
454Kb / 15P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-AND Gate
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
[Old version datasheet]   DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com