Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G126YFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G126YFPR
Description  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G126YFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G126YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 10Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 11Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 12Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SN74AUP1G126
www.ti.com
SCES596F – JULY 2004 – REVISED MAY 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
22.5
1.2 V ± 0.1 V
5.8
9.3
15.1
4.3
17.9
1.5 V ± 0.1 V
4.4
6.6
10.2
3
12.1
tpd
A or B
Y
ns
1.8 V ± 0.15 V
3.5
5.3
8.3
2.3
9.9
2.5 V ± 0.2 V
2.7
3.9
5.8
1.9
7
3.3 V ± 0.3 V
2.4
3.2
4.7
1.8
5.7
0.8 V
25.2
1.2 V ± 0.1 V
7
11.3
18.1
5.4
21.4
1.5 V ± 0.1 V
5.5
8.1
12.2
4.1
14.5
ten
OE
Y
ns
1.8 V ± 0.15 V
4.3
6.5
10.1
3.3
12
2.5 V ± 0.2 V
3.4
4.8
7.1
2.6
8.4
3.3 V ± 0.3 V
2.9
4.1
5.9
2.3
6.9
0.8 V
14
1.2 V ± 0.1 V
3.7
5.8
8.2
3.3
11
1.5 V ± 0.1 V
5.5
3.9
5.9
2.1
8
tdis
OE
Y
ns
1.8 V ± 0.15 V
3.3
4.5
6.6
2.9
7.4
2.5 V ± 0.2 V
2.3
3.2
4.3
1.8
5.1
3.3 V ± 0.3 V
2.4
4.8
6.2
3.1
6.7
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP1G126


Similar Part No. - SN74AUP1G126YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126YFPR TI-SN74AUP1G126YFPR Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126YFPR TI1-SN74AUP1G126YFPR Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126YFPR TI1-SN74AUP1G126YFPR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With Tri-State Output
More results

Similar Description - SN74AUP1G126YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com