Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G04YFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G04YFPR
Description  Low-Power Single Inverter Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G04YFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G04YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SN74AUP1G04
SCES571K – JUNE 2004 – REVISED JUNE 2014
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 μA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 μA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
μA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
μA
VI = GND or IO = 0
ICC
0.8 V to 3.6 V
0.5
0.9
μA
(VCC to 3.6 V)
ΔICC
VI = VCC – 0.6 V, IO = 0
3.3 V
40
50
μA
0 V
1.5
CI
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = VCC or GND
3.6 V
2.5
pF
7.6 Switching Characteristics, CL = 5 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
15.6
1.2 V ± 0.1 V
3.3
5.9
10.8
2.1
13.5
1.5 V ± 0.1 V
2.5
4.2
7
1.6
8.8
tpd
A
Y
ns
1.8 V ± 0.15 V
2.2
3.4
5.9
1.4
7
2.5 V ± 0.2 V
1.7
2.5
4
1.3
4.9
3.3 V ± 0.3 V
1.4
2.1
3.2
1.2
3.9
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G04


Similar Part No. - SN74AUP1G04YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G04YFPR TI-SN74AUP1G04YFPR Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
More results

Similar Description - SN74AUP1G04YFPR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04_101 TI-SN74AUP1G04_101 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com