Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G08DPW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G08DPW
Description  Low-Power Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G08DPW Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G08DPW Datasheet HTML 1Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 2Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 3Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A
B
Y
Y
A
B or Y
A
B
=
·
=
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AUP1G08
SCES502P – NOVEMBER 2003 – REVISED JUNE 2016
SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
1
1 Features
1
Available in the Ultra Small 0.64 mm2 Package
(DPW) With 0.5-mm Pitch
Low Static-Power Consumption:
ICC = 0.9 μA Maximum
Low Dynamic-Power Consumption:
Cpd = 4.3 pF Typical at 3.3 V
Low Input Capacitance: Ci = 1.5 pF Typical
Low Noise: Overshoot and Undershoot
<10% of VCC
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back Drive Protection
Schmitt-Trigger Action Allows Slow Input
Transition and Better Switching Noise Immunity at
the Input (Vhys = 250 mV Typical at 3.3 V)
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 4.3 ns Maximum at 3.3 V
Suitable for Point-to-Point Applications
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Simplified Schematic
2 Applications
ATCA Solutions
Active Noise Cancellation (ANC)
Barcode Scanner
Blood Pressure Monitor
CPAP Machine
Cable Solutions
DLP 3D Machine Vision, Hyperspectral Imaging,
Optical Networking, and Spectroscopy
E-Book
Embedded PC
Field Transmitter: Temperature or Pressure
Sensor
Fingerprint Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Server Motherboard and PSU
Software Defined Radio (SDR)
TV: High-Definition (HDTV), LCD, and Digital
Video Communications System
Wireless Data Access Card, Headset, Keyboard,
Mouse, and LAN Card
X-ray: Baggage Scanner, Medical, and Dental
3 Description
This single 2-input positive-AND gate is designed for
0.8-V to 3.6-V VCC operation and performs the
Boolean function
in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G08DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74AUP1G08DRL
SOT (5)
1.60 mm × 1.20 mm
SN74AUP1G08DRY
SON (6)
1.45 mm × 1.00 mm
SN74AUP1G08DPW
X2SON (5)
0.80 mm × 0.80 mm
SN74AUP1G08YZP
DSBGA (5)
1.37 mm × 0.88 mm
SN74AUP1G08DCK
SC70 (5)
1.25 mm x 2.00 mm
SN74AUP1G08DSF
SON (6)
1.00 mm x 1.00 mm
SN74AUP1G08YFP
DSBGA (6)
1.16 mm x 0.76 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - SN74AUP1G08DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVRE4 TI-SN74AUP1G08DBVRE4 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVRE4 TI-SN74AUP1G08DBVRE4 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUP1G08DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08 TI-SN74AUP1G08_07 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com