Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G08DPW Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AUP1G08DPW
Description  Low-Power Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G08DPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G08DPW Datasheet HTML 3Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 9Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 10Page - Texas Instruments SN74AUP1G08DPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
SN74AUP1G08
www.ti.com
SCES502P – NOVEMBER 2003 – REVISED JUNE 2016
Product Folder Links: SN74AUP1G08
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
One input at VCC – 0.6 V, other input at VCC or GND.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –40°C to +85°C
UNIT
MIN
TYP
MAX
MIN
MAX
VOH
IOH = –20 µA
0.8 V to
3.6 V
VCC – 0.1
VCC – 0.1
V
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
IOH = –2.3 mA
2.3 V
2.05
1.97
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
3 V
2.72
2.67
IOH = –4 mA
2.6
2.55
VOL
IOL = 20 µA
0.8 V to
3.6 V
0.1
0.1
V
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
IOL = 2.3 mA
2.3 V
0.31
0.33
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
3 V
0.31
0.33
IOL = 4 mA
0.44
0.45
II
A or B input
VI = GND to 3.6 V
0 V to
3.6 V
0.1
0.5
µA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to
0.2 V
0.2
0.6
µA
ICC
VI = GND or
(VCC to 3.6 V)
IO = 0
0.8 V to
3.6 V
0.5
0.9
µA
ΔICC
VI = VCC – 0.6 V
(1)
IO = 0
3.3 V
40
50
µA
Ci
VI = VCC or GND
0 V
1.5
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
6.6 Switching Characteristics, CL = 5 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = –40°C to +85°C
UNIT
MIN
TYP
MAX
MIN
MAX
tpd
A or B
Y
0.8 V
18
ns
1.2 V ± 0.1 V
2.6
7.3
12.8
2.1
15.6
1.5 V ± 0.1 V
1.4
5.2
8.7
0.9
10.3
1.8 V ± 0.15 V
1
4.2
6.6
0.5
8.2
2.5 V ± 0.2 V
1
3
4.4
0.5
5.5
3.3 V ± 0.3 V
1
2.4
3.5
0.5
4.3


Similar Part No. - SN74AUP1G08DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVR TI-SN74AUP1G08DBVR Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVRE4 TI-SN74AUP1G08DBVRE4 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DBVRE4 TI-SN74AUP1G08DBVRE4 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUP1G08DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08 TI-SN74AUP1G08_07 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com