Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF647 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF647
Description  UHF power LDMOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF647 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF647 Datasheet HTML 3Page - NXP Semiconductors BLF647 Datasheet HTML 4Page - NXP Semiconductors BLF647 Datasheet HTML 5Page - NXP Semiconductors BLF647 Datasheet HTML 6Page - NXP Semiconductors BLF647 Datasheet HTML 7Page - NXP Semiconductors BLF647 Datasheet HTML 8Page - NXP Semiconductors BLF647 Datasheet HTML 9Page - NXP Semiconductors BLF647 Datasheet HTML 10Page - NXP Semiconductors BLF647 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2001 Nov 27
7
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF647
List of components class-AB 600 MHz test circuit (see Figs 6 and 7)
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. American Technical Ceramics type 180R or capacitor of same quality.
3. The striplines are on a double copper-clad printed-circuit board: Rogers 5880 (
εr = 2.2); thickness 0.79 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE
No.
C1, C2
multilayer ceramic chip capacitor; note 1
30 pF
C3
multilayer ceramic chip capacitor; note 1
8.2 pF
C5
multilayer ceramic chip capacitor; note 1
16 pF
C6
Tekelec trimmer
0.6 to 7.5 pF
C7, C8
multilayer ceramic chip capacitor; note 1
100 pF
C9
electrolytic capacitor
10
µF
C10
multilayer ceramic chip capacitor; note 2
2 pF
C11, C12
multilayer ceramic chip capacitor; note 2
10 pF
C13
multilayer ceramic chip capacitor; note 2
8.2 pF
C14
multilayer ceramic chip capacitor; note 2
1.5 pF
C15, C16, C17
multilayer ceramic chip capacitor; note 2
100 pF
C18
SMD capacitor
1
µF
2222 595 16754
C19
electrolytic capacitor
470
µF
C20
electrolytic capacitor
100
µF
L1, L2
semi rigid coax UT70-25
Z = 25
Ω±1.5 Ω 30.6 mm
L3, L4
stripline; note 3
15
× 10 mm
L5, L6
stripline; note 3
5.5
× 15 mm
L7, L8
stripline; note 3
10
× 10 mm
L9, L10
stripline; note 3
15
× 5mm
L11, L12
stripline; note 3
48.5
× 2.4 mm
L13
stripline; note 3
10
× 2.4 mm
L14
ferrite
L15, L16
Coilcraft SMD coil 1008CS-102XKBC
1
µH
B1
semi rigid coax (lambda/2)
Z = 50
Ω±1.5 Ω lambda/2
B2
semi rigid coax balun UT70-25
Z = 25
Ω±1.5 Ω 48.5 mm
R1
resistor
1 k
R2, R3
resistor
100
R4
resistor
3,3


Similar Part No. - BLF647

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF647 NXP-BLF647 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF647P NXP-BLF647P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF647P(S) NXP-BLF647P(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF647PS NXP-BLF647PS Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF647

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com