Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2163X3-C2 Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2163X3-C2
Description  Enter a Short Document/Title Name Here
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2163X3-C2 Datasheet(HTML) 2 Page - California Eastern Labs

  CG2163X3-C2 Datasheet HTML 1Page - California Eastern Labs CG2163X3-C2 Datasheet HTML 2Page - California Eastern Labs CG2163X3-C2 Datasheet HTML 3Page - California Eastern Labs CG2163X3-C2 Datasheet HTML 4Page - California Eastern Labs CG2163X3-C2 Datasheet HTML 5Page - California Eastern Labs CG2163X3-C2 Datasheet HTML 6Page - California Eastern Labs CG2163X3-C2 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CG2163X3
This document is subject to change without notice.
2
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
RFC-RF1
RFC-RF2
High
Low
OFF
ON
Low
High
ON
OFF
ABSOLUTE MAXIMUM RATINGS
(TA
= +25˚C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0
Note 1
V
Input Power
Pin
+33.5
Note 2
dBm
Operating Ambient Temperature
TA
-45
~+85
˚C
Storage Temperature
Tstg
-55
~+150
˚C
Note
1. |VC1 - VC2|
≤6.0V
2. 3.0V
≤|VC1 - VC2|≤5.0V
RECOMMENDED OPERATING RANGE
(TA =
+25˚C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f1
2.4
-
2.5
GHz
f2
4.9
-
6.0
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.0
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V


Similar Part No. - CG2163X3-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2163X3-EVAL CEL-CG2163X3-EVAL Datasheet
617Kb / 8P
   Broadband SPDT RF Switch
More results

Similar Description - CG2163X3-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3 CEL-CG2176X3 Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
logo
Laird Tech Smart Techno...
M2US50NBT LSTD-M2US50NBT Datasheet
1Mb / 37P
   Changed document name to Datasheet
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
Japan Aviation Electron...
SJ020777 JAE-SJ020777 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
SJ020776 JAE-SJ020776 Datasheet
79Kb / 1P
   REDRAWN AND CHANGED TITLE
logo
Golledge Electronics Lt...
VCXO GOLLEDGE-VCXO Datasheet
518Kb / 3P
   3.3V Complementary LVDS VCXO here
logo
Molex Electronics Ltd.
0483380057 MOLEX11-0483380057 Datasheet
187Kb / 8P
   REVISION: ECR/ECN INFORMATION: TITLE:
logo
STMicroelectronics
AN3387 STMICROELECTRONICS-AN3387 Datasheet
950Kb / 12P
   This short document gives some practical indications
logo
Golledge Electronics Lt...
OCXO GOLLEDGE-OCXO Datasheet
521Kb / 3P
   Specify your custom Golledge OCXO here
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P_1 Datasheet
612Kb / 25P
   Title 32W (47W peak) Multiple Output supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com