Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCHG162282 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ALVCHG162282
Description  18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCHG162282 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ALVCHG162282 Datasheet HTML 4Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 5Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 6Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 7Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 8Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 9Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 10Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 11Page - Texas Instruments SN74ALVCHG162282 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS005D – JANUARY 1995 – REVISED MARCH 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DBB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040212 / E 03/02
80 PINS SHOWN
0,25
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,45
Seating Plane
100
20,90
20,70
41
0,23
0,13
40
A
80
1
0,15
80
DIM
A MAX
A MIN
PINS**
1,20 MAX
17,10
16,90
0,08
0,40
M
0,07
0
°–8°
0,05
0,20
0,09
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC : 80 Pin – MO-153 Variation FF
100 Pin – MO-194 Variation BB


Similar Part No. - SN74ALVCHG162282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHG162282 TI-SN74ALVCHG162282 Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282DBB TI-SN74ALVCHG162282DBB Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCHG162282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHG162282 TI-SN74ALVCHG162282 Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16282 TI-SN74ALVCH16282 Datasheet
140Kb / 10P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162270 RENESAS-HD74ALVCH162270 Datasheet
260Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com