Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS109A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54ALS109A
Description  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS109A Datasheet(HTML) 3 Page - Texas Instruments

  SN54ALS109A_15 Datasheet HTML 1Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 2Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 3Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 4Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 5Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 6Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 7Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 8Page - Texas Instruments SN54ALS109A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN54ALS109A, SN54AS109A, SN74ALS109A, SN74AS109A
DUAL JK POSITIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SDAS198B − APRIL 1982 − REVISED AUGUST 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS109A
SN74ALS109A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
−1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
CLK, J, or K
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
II
PRE or CLR
VCC = 5.5 V,
VI = 7 V
0.2
0.2
mA
IIH
CLK, J, or K
VCC = 5.5 V,
VI = 2.7 V
20
20
A
IIH
PRE or CLR
VCC = 5.5 V,
VI = 2.7 V
40
40
µA
IIL
CLK, J, or K
VCC = 5.5 V,
VI = 0.4 V
− 0.2
− 0.2
mA
IIL
PRE or CLR
VCC = 5.5 V,
VI = 0.4 V
− 0.4
− 0.4
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICC
VCC = 5.5 V,
See Note 1
2.4
4
2.4
4
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 1: ICC is measured with J, K, CLK, and PRE grounded, then with J, K, CLK, and CLR grounded.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS109A
SN74ALS109A
UNIT
MIN
MAX
MIN
MAX
fmax
30
34
MHz
tPLH
PRE or CLR
Q or Q
3
17
3
13
ns
tPHL
PRE or CLR
Q or Q
5
17
5
15
ns
tPLH
CLK
Q or Q
5
21
5
16
ns
tPHL
CLK
Q or Q
5
20
5
18
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54ALS109A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS109AFK TI-SN54ALS109AFK Datasheet
138Kb / 9P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109AJ TI-SN54ALS109AJ Datasheet
138Kb / 9P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - SN54ALS109A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54109 TI-SN54109 Datasheet
271Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT109 TI-CD54ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI1-SN54F109_15 Datasheet
563Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC109NSR TI1-SN74HC109NSR Datasheet
855Kb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS109 TI1-SN74LS109_V01 Datasheet
409Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
2022
74AC11109 TI-74AC11109 Datasheet
89Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI-SN54F109 Datasheet
109Kb / 6P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI-SN54ALS109A Datasheet
138Kb / 9P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS109A HITACHI-HD74LS109A Datasheet
68Kb / 6P
   Dual J-K Positive-edge-triggered Flip-Flops(with Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com