Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16863DLRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # 74ALVCH16863DLRG4
Description  18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH16863DLRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74ALVCH16863DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 11Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 12Page - Texas Instruments 74ALVCH16863DLRG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - 74ALVCH16863DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16820DGGRE4 TI1-74ALVCH16820DGGRE4 Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
74ALVCH16820DGGRG4 TI1-74ALVCH16820DGGRG4 Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
74ALVCH16820DLRG4 TI1-74ALVCH16820DLRG4 Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
More results

Similar Description - 74ALVCH16863DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
[Old version datasheet]   18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC16501 TI-SN74AUC16501 Datasheet
236Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
   18-Bit Universal Bus Transceiver With 3-State Outputs
logo
Texas Instruments
SN74ALVCH16500 TI1-SN74ALVCH16500_08 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com