Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNT01 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BNT01
Description  1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT01 Datasheet(HTML) 2 Page - BeRex Corporation

  BNT01 Datasheet HTML 1Page - BeRex Corporation BNT01 Datasheet HTML 2Page - BeRex Corporation BNT01 Datasheet HTML 3Page - BeRex Corporation BNT01 Datasheet HTML 4Page - BeRex Corporation BNT01 Datasheet HTML 5Page - BeRex Corporation BNT01 Datasheet HTML 6Page - BeRex Corporation BNT01 Datasheet HTML 7Page - BeRex Corporation BNT01 Datasheet HTML 8Page - BeRex Corporation BNT01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
V-I Characteristics
1.5—3.0 GHz Wideband High Linearity LNA Gain Block
BNT01
BeRex SOT89 Evaluation Board
*
Dielectric constant _ 4.2 *RF pattern width 52mil *31mil thick FR4 PCB
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2013 BeRex
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6
Supply Current
mA
130
Input RF Power
dBm
23


Similar Part No. - BNT01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
983Kb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
More results

Similar Description - BNT01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com