Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM43601PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM43601PWP
Description  LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM43601PWP Datasheet(HTML) 1 Page - Texas Instruments

  LM43601PWP Datasheet HTML 1Page - Texas Instruments LM43601PWP Datasheet HTML 2Page - Texas Instruments LM43601PWP Datasheet HTML 3Page - Texas Instruments LM43601PWP Datasheet HTML 4Page - Texas Instruments LM43601PWP Datasheet HTML 5Page - Texas Instruments LM43601PWP Datasheet HTML 6Page - Texas Instruments LM43601PWP Datasheet HTML 7Page - Texas Instruments LM43601PWP Datasheet HTML 8Page - Texas Instruments LM43601PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM43601
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM43601
SNVSA44A – AUGUST 2014 – REVISED AUGUST 2014
LM43601 SIMPLE SWITCHER® 3.5 V to 36 V 1 A Synchronous Step-Down Voltage
Converter
1 Features
3 Description
The LM43601 SIMPLE SWITCHER® regulator is an
1
33 µA Quiescent Current in Regulation
easy
to
use
synchronous
step-down
DC-DC
High Efficiency at Light Load (DCM and PFM)
converter capable of driving up to 1 A of load current
Meets EN55022/CISPR 22 EMI standards
from an input voltage ranging from 3.5 V to 36 V (42
V transient). The LM43601 provides exceptional
Integrated Synchronous Rectification
efficiency, output accuracy and drop-out voltage in a
Adjustable Frequency Range: 200 kHz to 2.2 MHz
very small solution size. An extended family is
(500 kHz default)
available in 0.5 A, 2 A and 3 A load current options in
Frequency Synchronization to External Clock
pin-to-pin compatible packages. Peak current mode
control is employed to achieve simple control loop
Internal Compensation
compensation and cycle-by-cycle current limiting.
Stable with Almost Any Combination of Ceramic,
Optional features such as programmable switching
Polymer, Tantalum, and Aluminum Capacitors
frequency,
synchronization,
power-good
flag,
Power-Good Flag
precision enable, internal soft-start, extendable soft-
start, and tracking provide a flexible and easy to use
Soft-Start into Pre-Biased Load
platform
for
a
wide
range
of
applications.
Internal Soft-Start: 4.1 ms
Discontinuous conduction and automatic frequency
Extendable Soft-Start Time by External Capacitor
modulation at light loads improve light load efficiency.
Output Voltage Tracking Capability
The family requires few external components and pin
arrangement allows simple, optimum PCB layout.
Precision Enable to Program System UVLO
Protection features include thermal shutdown, VCC
Output Short Circuit Protection with Hiccup Mode
under-voltage lockout, cycle-by-cycle current limit,
Over Temperature Thermal Shutdown Protection
and output short circuit protection. The LM43601
device is available in the HTSSOP / PWP 16 leaded
2 Applications
package (5.1 mm x 6.6 mm x 1.2 mm) with 0.65 mm
lead pitch. Pin to pin compatible with LM46000,
Industrial Power Supplies
LM46001, LM46002, LM43600, LM43602, LM43603.
Telecommunications Systems
Device Information
Sub-AM Band Automotive
ORDER NUMBER
PACKAGE
BODY SIZE
General Purpose Wide VIN Regulation
LM43601PWP
HTSSOP (16)
5.1 mm x 6.6 mm
High Efficiency Point-Of-Load Regulation
4 Simplified Schematic
Radiated Emission Graph
VIN = 12 V, VOUT = 3.3 V, FS= 500 kHz, IOUT = 1 A
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM43601PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601-Q1 TI1-LM43601-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601A-Q1 TI1-LM43601A-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43601PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com