Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC7805 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC7805
Description  LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC7805 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVC7805 Datasheet HTML 5Page - Texas Instruments SN74ALVC7805 Datasheet HTML 6Page - Texas Instruments SN74ALVC7805 Datasheet HTML 7Page - Texas Instruments SN74ALVC7805 Datasheet HTML 8Page - Texas Instruments SN74ALVC7805 Datasheet HTML 9Page - Texas Instruments SN74ALVC7805 Datasheet HTML 10Page - Texas Instruments SN74ALVC7805 Datasheet HTML 11Page - Texas Instruments SN74ALVC7805 Datasheet HTML 12Page - Texas Instruments SN74ALVC7805 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SN74ALVC7805
256
× 18
LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS593A – OCTOBER 1997 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to a disabled 3-state output
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK ( VI < 0 )
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK ( VO < 0 or VO > VCC )
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO ( VO = 0 to VCC )
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3)
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings can be exceeded if the input and output clamp current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
’ALVC7805-20
’ALVC7805-25
’ALVC7805-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
3
3.6
3
3.6
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
IOH
High level output current Q outputs flags
VCC =3 V
8
8
8
mA
IOH
High-level output current, Q outputs, flags
VCC = 3V
–8
–8
–8
mA
IOL
Low level output current Q outputs flags
VCC =3V
16
16
16
mA
IOL
Low-level output current, Q outputs, flags
VCC = 3 V
16
16
16
mA
TA
Operating free-air temperature
0
70
0
70
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 3 V,
IIK = –18 mA
–1.2
V
VOH
Flags Q outputs
VCC = 3 V to 3.6 V,
IOH = –100 µA
VCC–0.2
V
VOH
Flags, Q outputs
VCC = 3 V,
IOH = –8 mA
2.4
V
Flags, Q outputs
VCC = 3 V to 3.6 V,
IOL = 100 µA
0.2
VOL
Flags
VCC = 3 V,
IOL = 8 mA
0.4
V
Q outputs
VCC = 3 V,
IOL = 16 mA
0.55
II
VCC = 3.6 V,
VI = VCC or GND
±5
µA
IOZ
VCC = 3.6 V,
VO = VCC or GND
±10
µA
ICC
VI = VCC or 0
40
µA
∆ICC§
VCC = 3.6 V, Other inputs at VCC or GND, One input at VCC – 0.6 V
500
µA
Ci
VCC = 3.3 V,
VI = VCC or GND
2.5
pF
Co
VCC = 3.3 V,
VO = VCC or GND
5.5
pF
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
§ This is the supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.


Similar Part No. - SN74ALVC7805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC7805 TI-SN74ALVC7805 Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805DL TI-SN74ALVC7805DL Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALVC7805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7803 TI-SN74ACT7803 Datasheet
241Kb / 16P
[Old version datasheet]   512 짰18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7813 TI-SN74ALVC7813 Datasheet
192Kb / 14P
[Old version datasheet]   64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI-SN74ALVC7805 Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com