Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1532T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1532T
Description  GreenChip SMPS control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1532T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1532T Datasheet HTML 4Page - NXP Semiconductors TEA1532T Datasheet HTML 5Page - NXP Semiconductors TEA1532T Datasheet HTML 6Page - NXP Semiconductors TEA1532T Datasheet HTML 7Page - NXP Semiconductors TEA1532T Datasheet HTML 8Page - NXP Semiconductors TEA1532T Datasheet HTML 9Page - NXP Semiconductors TEA1532T Datasheet HTML 10Page - NXP Semiconductors TEA1532T Datasheet HTML 11Page - NXP Semiconductors TEA1532T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
9397 750 13113
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 28 May 2004
8 of 27
Philips Semiconductors
TEA1532
GreenChip
™II SMPS control IC
value of Rslopecomp. Slope compensation prevents modulation of the on-time (duty cycle)
while operating in FF CCM. A possible drawback of sub-harmonic oscillation can be
output voltage ripple.
7.11 Minimum and maximum on-time
The minimum on-time of the SMPS is determined by the LEB time. The IC limits the
on-time to a maximum time which is dependent on the mode of operation:
QR mode: When the system requires an ‘on-time’ of more than 25
µs, a fault condition is
assumed (e.g. CVCC removed), the IC stops switching and enters the safe restart mode.
CCM: The driver duty cycle is limited to 70 %. So the maximum on-time is correlated to
the oscillator time which results in an accurate limit of the minimum input voltage of the
flyback converter.
7.12 PROTECT and timing input
The PROTECT input (pin 3) is a multi-purpose (high-impedance) input, which can be used
to switch off the IC and create a relatively long timing function. As soon as the voltage on
this pin rises above 2.5 V, switching stops immediately. For the timing function, a current of
typically 50
µA flows out of pin PROTECT and charges an external capacitor until the
activation level of 2.5 V is reached. This current source however, is only activated when
the converter is not in regulation, which is detected by the voltage on pin CTRL
(VCTRL < 0.63 V). A (small) discharge current is also implemented to ensure that the
capacitor is not charged, for example, by spikes, and a MOSFET switch is added to
ensure a defined start situation. The voltage on pin CTRL determines whether the IC
enters latched protection mode, or safe restart protection mode:
Fig 7.
Slope compensation.
001aaa830
CTRL
−1
Slope compensation
current
0.63 V
control
detect
5.6 V
TEA1532
4
RCTRL
Rslopecomp


Similar Part No. - TEA1532T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1532BT NXP-TEA1532BT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
TEA1532CT NXP-TEA1532CT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
More results

Similar Description - TEA1532T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com