Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS2232ANT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS2232ANT
Description  ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS2232ANT Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS2232ANT Datasheet HTML 1Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 2Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 3Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 4Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 5Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 6Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 7Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 8Page - Texas Instruments SN74ALS2232ANT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74ALS2232A
64
× 8 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS248 – FEBRUARY 1988 – REVISED MARCH 1990
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Independent Asynchronous Inputs and
Outputs
D 64 Words by 8 Bits
D Data Rates From 0 to 40 MHz
D Fall-Through Time . . . 20 ns Typical
D 3-State Outputs
description
This 512-bit memory uses advanced low-power
Schottky IMPACT-X
™ technology and features
high speed and fast fall-through times. It is
organized as 64 words by 8 bits.
A FIFO memory is a storage device that allows
data to be written into and read from its array at
independent data rates. The function is used as a
buffer to couple two buses operating at different
clock rates. This FIFO is designed to process data
at rates from 0 to 40 MHz in a bit-parallel format,
word by word.
Data is written into memory on a low-to-high
transition of the load clock (LDCK) input and is
read out on a low-to-high transition of the unload
clock (UNCK) input. The memory is full when the
number of words clocked in exceeds by 64 the
number of words clocked out. When the memory
is full, LDCK signals have no effect on the data
residing in memory. When the the memory is
empty, UNCK signals have no effect.
Status of the FIFO memory is monitored by the
FULL and EMPTY output flags. The FULL output
is low when the memory is full and high when the
memory is not full. The EMPTY output is low when
the memory is empty and high when it is not
empty.
A low level on the reset (RST) input resets the internal stack control pointers and also sets EMPTY low and FULL
high. The outputs are not reset to any specific logic levels. The first low-to-high transition on LDCK, either after
a RST pulse or from an empty condition, causes EMPTY to go high and the data to appear on the Q outputs.
The first word does not have to be unloaded. Data outputs are noninverting with respect to the data inputs and
are at a high-impedance state when the output-enable (OE) input is low. The OE input does not effect either
the FULL or EMPTY output flags. Cascading is easily accomplished in the word-width direction, but is not
possible in the word-depth direction.
The SN74ALS2232A is characterized for operation from 0
°C to 70°C.
Copyright
© 1990, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IMPACT-X is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
RST
D0
D1
D2
D3
VCC
D4
D5
D6
D7
FULL
LDCK
OE
Q0
Q1
Q2
Q3
GND
Q4
Q5
Q6
Q7
EMPTY
UNCK
32 1 28 27
12
5
6
7
8
9
10
11
25
24
23
22
21
20
19
Q2
Q3
GND
NC
Q4
Q5
Q6
D2
D3
VCC
NC
D4
D5
D6
426
13 14 15 16 17 18
NC – No internal connection
NT PACKAGE
(TOP VIEW)
FN PACKAGE
(TOP VIEW)


Similar Part No. - SN74ALS2232ANT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238FN TI1-SN74ALS2238FN Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238FNR TI1-SN74ALS2238FNR Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238N TI1-SN74ALS2238N Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALS2232ANT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com