Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS990 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS990
Description  8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS990 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS990 Datasheet HTML 1Page - Texas Instruments SN74ALS990 Datasheet HTML 2Page - Texas Instruments SN74ALS990 Datasheet HTML 3Page - Texas Instruments SN74ALS990 Datasheet HTML 4Page - Texas Instruments SN74ALS990 Datasheet HTML 5Page - Texas Instruments SN74ALS990 Datasheet HTML 6Page - Texas Instruments SN74ALS990 Datasheet HTML 7Page - Texas Instruments SN74ALS990 Datasheet HTML 8Page - Texas Instruments SN74ALS990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74ALS990
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SDAS027B – APRIL 1984 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High level output current
Q
– 2.6
mA
IOH
High-level output current
D
– 0.4
mA
IOL
Low level output current
Q
24
mA
IOL
Low-level output current
D
8
mA
tw
Pulse duration, LE high
10
ns
t
Setup time
Data before LE
10
ns
tsu
Setup time
Data before OERB
10
ns
th
Hold time, data after LE
5
ns
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
V
All outputs
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
V
VOH
Q
VCC = 4.5 V,
IOH = – 2.6 mA
2.4
3.2
V
D
VCC =4 5V
IOL = 4 mA
0.25
0.4
VOL
D
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
VOL
Q
VCC =4 5V
IOL = 12 mA
0.25
0.4
V
Q
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
II
OERB, LE
VCC =5 5V
VI = 5.5 V
0.1
mA
II
D inputs
VCC = 5.5 V
VI = 7 V
0.1
mA
I
OERB, LE
VCC =5 5V
VI =2 7V
20
µA
IIH
D inputs‡
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
OERB, LE
VCC =5 5V
VI =0 4V
– 0.1
mA
IIL
D inputs‡
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V,
Outputs high
27
50
mA
ICC
CC
OERB high
Outputs low
40
70
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports (QA thru QH), the parameters IIH and IIL include the off-state output current.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990DW TI-SN74ALS990DW Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990N TI-SN74ALS990N Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
More results

Similar Description - SN74ALS990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS992 TI-SN74ALS992 Datasheet
95Kb / 6P
[Old version datasheet]   9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN54ALS996 TI1-SN54ALS996_15 Datasheet
673Kb / 17P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN54ALS996 TI-SN54ALS996 Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74LVCH32373A TI1-SN74LVCH32373A_13 Datasheet
794Kb / 13P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com