Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91841DT-30-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI91841DT-30-T1
Description  150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91841DT-30-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI91841DT-30-T1 Datasheet HTML 1Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 2Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 3Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 4Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 5Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 6Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 7Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 8Page - Vishay Siliconix SI91841DT-30-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Si91841/3
Vishay Siliconix
Document Number: 71447
S-40592—Rev. C, 29-Mar-04
www.vishay.com
3
SPECIFICATIONS
Limits
−40 to 85_C
Tempa
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V
IOUT = 1 mA, CIN = 1 mF, COUT = 1.0 mF
VSD = 1.5 V
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V
IOUT = 1 mA, CIN = 1 mF, COUT = 1.0 mF
VSD = 1.5 V
Symbol
Output Noise Voltage
eN
VNOM = 2.6 V, BW = 10 Hz to 100 kHz,
0 mA t IOUT t 150 mA, CNOISE = 0.01 mF
Room
30
mV(rms)
f = 1 kHz
Room
60
Ripple Rejection
DVOUT/DVIN
IOUT = 150 mA
f = 10 kHz
Room
40
dB
pp
j
OUT
IN
OUT
f = 100 kHz
Room
30
Dynamic Line Regulation
DVO(line)
VIN : VOUT(nom) + 1 V to VOUT(nom) + 2 V
tr/tf = 2 ms, IOUT = 150 mA
Room
20
mV
Dynamic Load Regulation
DVO(load)
IOUT : 1 mA to 150 mA, tr/tf = 2 ms
Room
20
mV
Thermal Shutdown Junction
Temperature
TJ(S/D)
Room
150
_C
Thermal Hysteresis
THYST
Room
20
C
Reverse current
IR
VIN = −6.0 V
Room
1
mA
Short Circuit Current
ISC
VOUT = 0 V
Room
700
mA
Shutdown
Shutdown Supply Current
ICC(off)
VSD = 0 V
Room
0.1
1
mA
SD Pin Input Voltage
VSD
High = Regulator ON (Rising)
Full
1.5
VIN
V
SD Pin Input Voltage
VSD
Low = Regulator OFF (Falling)
Full
0.4
V
Auto Discharge Resistance
R_DIS
Si91841 Only
Room
100
W
SD Pin Input Currentf
IIN(SD)
VSD = 1.5 V, VIN = 6 V
Room
0.7
mA
SD Hysteresis
VHYST(SD)
Full
150
mV
VOUT Turn-On Time
tON
VSD (See Figure 1), ILOAD = 100 nA
50
mS
Notes
a.
Room = 25_C, Full = −40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. Typical values for dropout voltage at VOUT w 2 V are measured at
VOUT = 3.3 V, while typical values for dropout voltage at VOUT < 2 V are measured at VOUT = 1.8 V.
d.
Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the output voltage measured with a 1-V
differential, provided that VIN does not not drop below 2.0 V.
e.
Ground current is specified for normal operation as well as “drop-out” operation.
f.
The device’s shutdown pin includes a typical 2-MW internal pull-down resistor connected to ground.
g.
VOUT(nom) is VOUT when measured with a 1-V differential to VIN.
TIMING WAVEFORMS
FIGURE 1. Timing Diagram for Power-Up
VSD
0.95 VNOM
VOUT
VNOM
tON
0 V
VIN
tr v 1 ms


Similar Part No. - SI91841DT-30-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91842 VISHAY-SI91842 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-12-T1 VISHAY-SI91842DT-12-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-12-T1B VISHAY-SI91842DT-12-T1B Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-18-T1 VISHAY-SI91842DT-18-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-20-T1 VISHAY-SI91842DT-20-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
More results

Similar Description - SI91841DT-30-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com