Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G02HDCK3 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AHC1G02HDCK3
Description  SN74AHC1G02 Single 2-Input Positive-NOR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G02HDCK3 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHC1G02HDCK3 Datasheet HTML 1Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 2Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 3Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 4Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 5Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 6Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 7Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 8Page - Texas Instruments SN74AHC1G02HDCK3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN74AHC1G02
SCLS342M – APRIL 1996 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 8
9.1
Overview ................................................................... 8
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
9.3
Feature Description................................................... 8
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 8
5
Revision History..................................................... 2
10
Application and Implementation.......................... 9
6
Pin Configuration and Functions ......................... 3
10.1
Application Information............................................ 9
7
Specifications......................................................... 4
10.2
Typical Application ................................................. 9
7.1
Absolute Maximum Ratings ..................................... 4
11
Power Supply Recommendations ..................... 10
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 11
7.3
Recommended Operating Conditions ....................... 4
12.1
Layout Guidelines ................................................. 11
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 11
7.5
Electrical Characteristics........................................... 5
13
Device and Documentation Support ................. 11
7.6
Switching Characteristics, VCC = 3.3 V ± 0.3 V ........ 5
13.1
Trademarks ........................................................... 11
7.7
Switching Characteristics, VCC = 5 V ± 0.5 V ........... 5
13.2
Electrostatic Discharge Caution ............................ 11
7.8
Operating Characteristics.......................................... 6
13.3
Glossary ................................................................ 11
7.9
Typical Characteristics .............................................. 6
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 7
Information ........................................................... 11
5 Revision History
Changes from Revision L (June 2005) to Revision M
Page
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Deleted Ordering Information table. ....................................................................................................................................... 1
Changed MAX operating temperature in Recommended Operating Conditions table. ......................................................... 4
2
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G02


Similar Part No. - SN74AHC1G02HDCK3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02 TI-SN74AHC1G02 Datasheet
72Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP Datasheet
532Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AHC1G02HDCK3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02-Q1 TI1-SN74AHC1G02-Q1 Datasheet
995Kb / 22P
[Old version datasheet]   SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
AUGUST 2023
SN74AHC1G02-Q1 TI-SN74AHC1G02-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com