Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G00DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G00DBVRG4
Description  SN74AHC1G00 Single 2-Input Positive-NAND Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G00DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC1G00DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
SN74AHC1G00
www.ti.com
SCLS313O – MARCH 1996 – REVISED APRIL 2016
Product Folder Links: SN74AHC1G00
Submit Documentation Feedback
Copyright © 1996–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AHC1G00
UNIT
DBV (SOT-23)
DCK (SC70)
DRL (SOT)
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
240
276.53
256
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
174.5
118.5
130
°C/W
RθJB
Junction-to-board thermal resistance
73.7
62.8
152
°C/W
ψJT
Junction-to-top characterization parameter
54.9
6.7
9.9
°C/W
ψJB
Junction-to-board characterization parameter
72.9
62.1
152
°C/W
(1)
Recommended TA = –40°C to +125°C
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
IOH = –50 µA
TA = 25°C
2 V
1.9
2
V
TA = –40°C to +85°C
1.9
TA = –40°C to +125°C
1.9
TA = 25°C
3 V
2.9
3
TA = –40°C to +85°C
2.9
TA = –40°C to +125°C
2.9
TA = 25°C
4.5 V
4.4
4.5
TA = –40°C to +85°C
4.4
TA = –40°C to +125°C
4.4
IOH = –4 mA
TA = 25°C
3 V
2.58
TA = –40°C to +85°C
2.48
TA = –40°C to +125°C
2.48
IOH = –8 mA
TA = 25°C
4.5 V
3.94
TA = –40°C to +85°C
3.8
TA = –40°C to +125°C
3.8
VOL
IOL = 50 µA
TA = 25°C
2 V
0.1
V
TA = –40°C to +85°C
0.1
TA = –40°C to +125°C
0.1
TA = 25°C
3 V
0.1
TA = –40°C to +85°C
0.1
TA = –40°C to +125°C
0.1
TA = 25°C
4.5 V
0.1
TA = –40°C to +85°C
0.1
TA = –40°C to +125°C
0.1
IOL = 4 mA
TA = 25°C
3 V
0.36
TA = –40°C to +85°C
0.44
TA = –40°C to +125°C
0.44
IOL = 8 mA
TA = 25°C
4.5 V
0.36
TA = –40°C to +85°C
0.44
TA = –40°C to +125°C
0.44
II
VI = 5.5 V or GND
TA = 25°C
0 V to 5.5 V
±0.1
µA
TA = –40°C to +85°C
±1
TA = –40°C to +125°C
±1


Similar Part No. - SN74AHC1G00DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00DBVRG4 TI-SN74AHC1G00DBVRG4 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVRG4 TI-SN74AHC1G00DBVRG4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVRG4 TI1-SN74AHC1G00DBVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results

Similar Description - SN74AHC1G00DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1_V01 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com