Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G32DRLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G32DRLR
Description  SN74AHC1G32 Single 2-Input Positive-OR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G32DRLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC1G32DRLR Datasheet HTML 1Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 2Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 3Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 4Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 5Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 6Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 7Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 8Page - Texas Instruments SN74AHC1G32DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AHC1G32
www.ti.com
SCLS317O – MARCH 1996 – REVISED JULY 2014
7.4 Thermal Information
DBV
DCK
DRL
THERMAL METRIC(1)
UNIT
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
231.3
287.6
328.7
RθJC(top)
Junction-to-case (top) thermal resistance
119.9
97.7
105.1
RθJB
Junction-to-board thermal resistance
60.6
65.0
150.3
°C/W
ψJT
Junction-to-top characterization parameter
17.8
2.0
6.9
ψJB
Junction-to-board characterization parameter
60.1
64.2
148.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40 TO 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
v
IOL = 4 mA
3 V
0.36
0.44
0.44
IOL = 8 mA
4.5 V
0.36
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1
±1
±1
µA
5.5 V
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
10
µA
Ci
VI = VCC or GND
5 V
2
10
10
10
pF
7.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
5.5
1
9.5
1
10
A or B
Y
CL = 15 pF
ns
tPHL
5.5
1
9.5
1
10
tPLH
8
1
13
1
14
A or B
Y
CL = 50 pF
ns
tPHL
8
1
13
1
14
7.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
3.8
1
6.5
1
7
A or B
Y
CL = 15 pF
ns
tPHL
3.8
1
6.5
1
7
tPLH
5.3
1
8.5
1
9.5
A or B
Y
CL = 50 pF
ns
tPHL
5.3
1
8.5
1
9.5
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC1G32


Similar Part No. - SN74AHC1G32DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G32DRLR TI-SN74AHC1G32DRLR Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DRLR TI-SN74AHC1G32DRLR Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DRLR TI-SN74AHC1G32DRLR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DRLR TI-SN74AHC1G32DRLR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DRLR TI1-SN74AHC1G32DRLR Datasheet
1Mb / 27P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

Similar Description - SN74AHC1G32DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G32-Q1 TI1-SN74AHC1G32-Q1_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74AHC1G32-Q1 Automotive Single 2-Input Positive-OR Gate
REVISED AUGUST 2023
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com