Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G02DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G02DBVRG4
Description  SN74AHC1G02 Single 2-Input Positive-NOR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G02DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AHC1G02DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 11Page - Texas Instruments SN74AHC1G02DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
A
B
Y
SN74AHC1G02
SCLS342M – APRIL 1996 – REVISED DECEMBER 2014
www.ti.com
9 Detailed Description
9.1 Overview
This device contains a single 2-input NOR gate that performs the Boolean function Y = A × B or Y = A + B in
positive logic.
9.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
9.3 Feature Description
Wide operating voltage range
Operates from 2 V to 5.5 V
Allows down-voltage translation
Inputs accept voltages to 5.5 V
The low drive and slow edge rates will minimize overshoot and undershoot on the outputs
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
A
B
H
X
L
X
H
L
L
L
H
8
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G02


Similar Part No. - SN74AHC1G02DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02DBVRG4 TI-SN74AHC1G02DBVRG4 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AHC1G02DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02-Q1 TI1-SN74AHC1G02-Q1 Datasheet
995Kb / 22P
[Old version datasheet]   SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
AUGUST 2023
SN74AHC1G02-Q1 TI-SN74AHC1G02-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com