Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G02DBVRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G02DBVRE4
Description  SN74AHC1G02 Single 2-Input Positive-NOR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G02DBVRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC1G02DBVRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G02DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AHC1G02
www.ti.com
SCLS342M – APRIL 1996 – REVISED DECEMBER 2014
7.4 Thermal Information
SN74AHC1G02
THERMAL METRIC(1)
DBV
DCK
DRL
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
231.3
287.6
328.7
RθJC(top)
Junction-to-case (top) thermal resistance
119.9
97.7
105.1
RθJB
Junction-to-board thermal resistance
60.6
65.
150.3
°C/W
ψJT
Junction-to-top characterization parameter
17.8
2.0
6.9
ψJB
Junction-to-board characterization parameter
60.1
64.2
148.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOH = 50 µA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.44
0.44
IOL = 8 mA
4.5 V
0.36
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1
±1
±1
µA
5.5 V
ICC
VI = VCC or GND, IO = 0
5.5 V
1
10
10
µA
Ci
VI = VCC or GND
5 V
4
10
10
10
pF
7.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
OUTPUT
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
5.6
7.9
1
9.5
1
10.5
A
Y
CL = 15 pF
ns
tPHL
5.6
7.9
1
9.5
1
10.5
tPLH
8.1
11.4
1
13
1
14
A
Y
CL = 50 pF
ns
tPHL
8.1
11.4
1
13
1
14
7.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
OUTPUT
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
3.6
5.5
1
6.5
1
7
A
Y
CL = 15 pF
ns
tPHL
3.6
5.5
1
6.5
1
7
tPLH
5.1
7.5
1
8.5
1
9
A
Y
CL = 50 pF
ns
tPHL
5.1
7.5
1
8.5
1
9
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC1G02


Similar Part No. - SN74AHC1G02DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02DBVRE4 TI-SN74AHC1G02DBVRE4 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AHC1G02DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02-Q1 TI1-SN74AHC1G02-Q1 Datasheet
995Kb / 22P
[Old version datasheet]   SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
AUGUST 2023
SN74AHC1G02-Q1 TI-SN74AHC1G02-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com