Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G00DBV Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AHC1G00DBV
Description  SN74AHC1G00 Single 2-Input Positive-NAND Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G00DBV Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AHC1G00DBV Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 9Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 10Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 11Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 12Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 13Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Q
Q
S
R
10
SN74AHC1G00
SCLS313O – MARCH 1996 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74AHC1G00
Submit Documentation Feedback
Copyright © 1996–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AHC1G00 device is a low-drive CMOS device with 8-mA output drive at 5 V. It can be used for a
multitude of bus interface type applications where output ringing is a concern. The low drive and slow edge rates
minimizes overshoot and undershoot on the outputs. The NAND gates are used to build simple SR flip flop. They
could be used in removing noise from a switch debounce circuit
9.2 Typical Application
Figure 4. Typical Application
9.2.1 Design Requirements
This SN74AHC1G00 device uses CMOS technology and has balanced output drive. Take care to avoid bus
contention becuase it can drive currents that would exceed maximum limits. The high drive also creates fast
edges into light loads. Routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
Recommended input conditions:
Specified high and low levels. See VIH and VIL in Recommended Operating Conditions.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
Recommended output conditions:
Load currents must not exceed 25 mA per output and 50 mA total for the part.
Outputs should not be pulled above VCC.


Similar Part No. - SN74AHC1G00DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00DBV TI-SN74AHC1G00DBV Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBV TI1-SN74AHC1G00DBV Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI1-SN74AHC1G00DBVR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results

Similar Description - SN74AHC1G00DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1_V01 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com