Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT595PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT595PW
Description  SNx4AHCT595 8-Bit Shift Registers With 3-State Output Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT595PW Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHCT595PW Datasheet HTML 1Page - Texas Instruments SN74AHCT595PW Datasheet HTML 2Page - Texas Instruments SN74AHCT595PW Datasheet HTML 3Page - Texas Instruments SN74AHCT595PW Datasheet HTML 4Page - Texas Instruments SN74AHCT595PW Datasheet HTML 5Page - Texas Instruments SN74AHCT595PW Datasheet HTML 6Page - Texas Instruments SN74AHCT595PW Datasheet HTML 7Page - Texas Instruments SN74AHCT595PW Datasheet HTML 8Page - Texas Instruments SN74AHCT595PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SN54AHCT595 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
4
5
6
7
8
18
17
16
15
14
SER
OE
NC
RCLK
SRCLK
Q
Q
NC
D
E
Q
Q
F
G
9 10 11 12 13
3
2
1 20 19
SN54AHCT595 . . . J OR W PACKAGE
SN74AHCT595 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
C
D
E
F
G
H
Q
Q
Q
Q
Q
Q
Q
GND
VCC
Q
SER
A
OE
RCLK
SRCLK
SRCLR
QH′
SN54AHCT595, SN74AHCT595
www.ti.com
SCLS374N – MAY 1997 – REVISED JULY 2014
6 Pin Configuration and Functions
Pin Functions
PIN
SN74AHCT595
SN54AHCT595
I/O
DESCRIPTION
NAME
D, DB, DGV,
J, W
FK
N, NS, PW
GND
8
8
10
Ground Pin
OE
13
13
17
I
Output Enable
QA
15
15
19
O
QA Output
QB
1
1
2
O
QB Output
QC
2
2
3
O
QC Output
QD
3
3
4
O
QD Output
QE
4
4
5
O
QE Output
QF
5
5
7
O
QF Output
QG
6
6
8
O
QG Output
QH
7
7
9
O
QH Output
QH'
9
9
12
O
QH' Output
RCLK
12
12
14
I
RCLK Input
SER
14
14
18
I
SER Input
SRCLK
11
11
14
I
SRCLK Input
SRCLR
10
10
13
I
SRCLR Input
1
6
NC
No Connection
11
16
VCC
16
16
20
Power Pin
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHCT595 SN74AHCT595


Similar Part No. - SN74AHCT595PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT595PW TI-SN74AHCT595PW Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595PWE4 TI-SN74AHCT595PWE4 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595PWR TI-SN74AHCT595PWR Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595PWRE4 TI-SN74AHCT595PWRE4 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74AHCT595PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com