Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT367DBRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHCT367DBRE4
Description  Hex Buffer and Line Driver with 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT367DBRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHCT367DBRE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT367DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
1A1
1Y1
1A2
1Y2
1A3
1Y3
GND
VCC
2OE
2A2
2Y2
2A1
2Y1
1A4
1Y4
SN74AHCT367 . . . D, DB, DGV, OR PW PACKAGE
(TOP VIEW)
SN74AHCT367
www.ti.com
SCLS418H – JUNE 1998 – REVISED DECEMBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
1OE
I
Output Enable 1
2
1A1
I
1A1 Input
3
1Y1
O
1Y1 Output
4
1A2
I
1A2 Input
5
1Y2
O
1Y2 Output
6
1A3
I
1A3 Input
7
1Y3
O
1Y3 Output
8
GND
Ground Pin
9
1Y4
O
1Y4 Output
10
1A4
I
1A4 Input
11
2Y1
O
2Y1 Output
12
2A1
I
2A1 Input
13
2Y2
O
2Y2 Output
14
2A2
I
2A2 Input
15
2OE
I
Output Enable 2
16
VCC
Power Pin
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AHCT367


Similar Part No. - SN74AHCT367DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT367DBRE4 TI-SN74AHCT367DBRE4 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHCT367DBRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com