Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G374DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G374DBVT
Description  SINGLE D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G374DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G374DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74LVC1G374
SINGLE DTYPE FLIPFLOP
WITH 3STATE OUTPUT
SCES520A − DECEMBER 2003 − REVISED JUNE 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 30 pF or
50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
125
150
175
MHz
tpd
CLK
Q
2.7
18.3
1.8
8.2
1.6
6
1
4
ns
ten
OE
Q
2
13
1.5
6.3
0.9
5
0.7
3.5
ns
tdis
OE
Q
2
14
1.1
5.3
1.4
4.5
0.8
3.1
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation
Outputs enabled
f = 10 MHz
24
24
25
27
pF
Cpd
Power dissipation
capacitance
Outputs disabled
f = 10 MHz
8
8
9
11
pF


Similar Part No. - SN74LVC1G374DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G374DBVR TI1-SN74LVC1G374DBVR Datasheet
1,014Kb / 20P
[Old version datasheet]   Single D-Type Flip-Flop With 3-State Output
More results

Similar Description - SN74LVC1G374DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G374 TI1-SN74LVC1G374_15 Datasheet
1,014Kb / 20P
[Old version datasheet]   Single D-Type Flip-Flop With 3-State Output
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com