Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC244-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AHC244-EP
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC244-EP Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC244-EP_13 Datasheet HTML 1Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 2Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 3Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 4Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 5Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 6Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 7Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 8Page - Texas Instruments SN74AHC244-EP_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74AHC244-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCLS486A – MAY 2003 – REVISED JUNE 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = –50 mA
3 V
2.9
3
2.9
VOH
4.5 V
4.4
4.5
4.4
V
OH
IOH = –4 mA
3 V
2.58
2.48
IOH = –8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
4.5 V
0.1
0.1
V
OL
IOL = 4 mA
3 V
0.36
0.5
IOL = 8 mA
4.5 V
0.36
0.5
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
IOZ
VO = VCC or GND,
VI (OE) = VIL or VIH
5.5 V
±0.25
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
mA
Ci
VI = VCC or GND
5 V
2
10
pF
Co
VO = VCC or GND
5 V
3.5
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5.8
8.4
1
10
ns
tPHL
A
Y
CL = 15 pF
5.8
8.4
1
10
ns
tPZH
OE
Y
CL =15 pF
6.6
10.6
1
12.5
ns
tPZL
OE
Y
CL = 15 pF
6.6
10.6
1
12.5
ns
tPHZ
OE
Y
CL =15 pF
5
9.7
1
11
ns
tPLZ
OE
Y
CL = 15 pF
5
9.7
1
11
ns
tPLH
A
Y
CL =50 pF
8.3
11.9
1
13.5
ns
tPHL
A
Y
CL = 50 pF
8.3
11.9
1
13.5
ns
tPZH
OE
Y
CL =50 pF
9.1
14.1
1
16
ns
tPZL
OE
Y
CL = 50 pF
9.1
14.1
1
16
ns
tPHZ
OE
Y
CL =50 pF
10.3
14
1
16
ns
tPLZ
OE
Y
CL = 50 pF
10.3
14
1
16
ns


Similar Part No. - SN74AHC244-EP_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC244-EP_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com