Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC14Q-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AHC14Q-Q1
Description  HEX SCHMITT-TRIGGER INVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC14Q-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHC14Q-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74AHC14Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74AHC14QQ1
HEX SCHMITT TRIGGER INVERTER
SGDS016A − FEBRUARY 2002 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
1
1A
1Y
2
3
2A
2Y
4
5
3A
3Y
6
9
4A
4Y
8
11
5A
5Y
10
13
6A
6Y
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
Y
A
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
−50
mA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
−4
mA
IOH
High-level output current
VCC = 5 V ± 0.5 V
−8
mA
VCC = 2 V
50
mA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
IOL
Low-level output current
VCC = 5 V ± 0.5 V
8
mA
TA
Operating free-air temperature
−40
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74AHC14Q-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC14Q-Q1 TI-SN74AHC14Q-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC14Q-Q1 Automotive Hex Schmitt-Trigger Inverter
REVISED JUNE 2023
More results

Similar Description - SN74AHC14Q-Q1_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com