Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC2G126 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHC2G126
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2G126 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC2G126 Datasheet HTML 1Page - Texas Instruments SN74AHC2G126 Datasheet HTML 2Page - Texas Instruments SN74AHC2G126 Datasheet HTML 3Page - Texas Instruments SN74AHC2G126 Datasheet HTML 4Page - Texas Instruments SN74AHC2G126 Datasheet HTML 5Page - Texas Instruments SN74AHC2G126 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74AHC2G126
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCLS440A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Process
D Operating Range 2-V to 5.5-V VCC
D Packaged in Plastic Small-Outline
Transistor Package
description
The SN74AHC2G126 is a dual bus buffer gate/line driver with 3-state outputs. The outputs are disabled when
the output-enable (OE) input is low. When OE is high, true data is passed from the A input to the Y output.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
The SN74AHC2G126 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
OE
A
Y
H
H
H
H
LL
L
X
Z
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
EN
1
1OE
2
1A
1Y
6
7
2OE
5
2A
2Y
3
1
logic diagram (positive logic)
1A
1Y
1OE
1
26
2A
2OE
7
53
2Y
Copyright
© 1999, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
DCT PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
2Y
GND
VCC
2OE
1Y
2A


Similar Part No. - SN74AHC2G126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125HDCT3 TI1-SN74AHC2G125HDCT3 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125HDCU3 TI1-SN74AHC2G125HDCU3 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC2G126

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com