Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

766141FPTR13 Datasheet(PDF) 4 Page - CTS Corporation

Part # 766141FPTR13
Description  Narrow Body Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

766141FPTR13 Datasheet(HTML) 4 Page - CTS Corporation

  766141FPTR13 Datasheet HTML 1Page - CTS Corporation 766141FPTR13 Datasheet HTML 2Page - CTS Corporation 766141FPTR13 Datasheet HTML 3Page - CTS Corporation 766141FPTR13 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0348-0
Page 4 - 4
Rev. C
Series 766
Surface Mount Resistor Network
MECHANICAL SPECIFICATION
PACKAGE DRAWING
mm
inch
14
8.65 ±0.10
0.340 ±0.004
16
9.90 ±0.10
0.390 ±0.004
No. of Pins
"A" Dimension
Notes:
1. Lead Co-Planarity - 0.10mm maximum [0.039in.]
3. Lead termination (e1). Barrier plating is nickel (Ni) with tin/silver/copper (Sn Ag Cu) finish.
2. General Tolerances - ±0.25mm [±0.010in.]
4. Reflow conditions per JEDEC-J-STD-020, +260°C maximum.
6.000±.200
.236±.008
3.900±.100
.154±.004
PART
NO.
DATE CODE
MODULES WILL BE
MARKED WITH A SQUARE
AT PIN #1 (TOP MARKING)
.510±.203
.020±.008
.180±.080
.007±.003
1.270
.050
.430±.050
.017±.002
1.550±.200
.061±.008
A DIM.
.200
.810
0°− 8°
+.050
−.030
.008 +.002
−.001
+.330
−.305
.032 +.013
−.012
NOTE #1
TYP.
INSULATION COATING
APPLIED ON TWO SURFACES
BELOW
SEATING
PLANE
RECOMMENDED LAND PATTERN
mm
3.6
5.6
7.6
7.6
in.
0.14
0.22
0.3
0.3
mm
3.6
5.6
7.6
8.9
in.
0.14
0.22
0.3
0.35
16 Pin
D
14 Pin
LEAD COUNT
A
B
C
C
A
B
D
2.03
.080
1.27
.050
0.63
.025 TYP.
TYP.
TYP.


Similar Part No. - 766141FPTR13

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
766141 CANDD-766141 Datasheet
302Kb / 2P
   Pulse Transformers
logo
CTS Corporation
766141103DPSP CTS-766141103DPSP Datasheet
140Kb / 5P
   Leaded Surface Mount
766141103DPTR CTS-766141103DPTR Datasheet
140Kb / 5P
   Leaded Surface Mount
766141103FPSP CTS-766141103FPSP Datasheet
140Kb / 5P
   Leaded Surface Mount
766141103FPTR CTS-766141103FPTR Datasheet
140Kb / 5P
   Leaded Surface Mount
More results

Similar Description - 766141FPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
766163220G CTS-766163220G Datasheet
99Kb / 4P
   Narrow Body Design
766163330G CTS-766163330G Datasheet
99Kb / 4P
   Narrow Body Design
logo
PHOENIX CONTACT
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
   6.2 mm narrow design width
logo
CTS Corporation
767163152GP CTS-767163152GP Datasheet
93Kb / 4P
   Medium Body Design
767163270GP CTS-767163270GP Datasheet
93Kb / 4P
   Medium Body Design
767143101GP CTS-767143101GP Datasheet
93Kb / 4P
   Medium Body Design
767163471G CTS-767163471G Datasheet
214Kb / 5P
   Medium Body Design
768161472G CTS-768161472G Datasheet
95Kb / 4P
   Medium Body Design
767163181GP CTS-767163181GP Datasheet
214Kb / 5P
   Medium Body Design
767161471GP CTS-767161471GP Datasheet
93Kb / 4P
   Medium Body Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com