Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

768203DPTR13 Datasheet(PDF) 1 Page - CTS Corporation

Part # 768203DPTR13
Description  Surface Mount Gull Wing Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768203DPTR13 Datasheet(HTML) 1 Page - CTS Corporation

  768203DPTR13 Datasheet HTML 1Page - CTS Corporation 768203DPTR13 Datasheet HTML 2Page - CTS Corporation 768203DPTR13 Datasheet HTML 3Page - CTS Corporation 768203DPTR13 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0350-0
Page 1 - 4
Rev. C
www.ctscorp.com
Series 768
Surface Mount Resistor Network
FEATURES
• Medium Body Design
• Surface Mount Gull Wing Design
• Low Profile, Board to Network Clearance – 0.0075” ±0.0025”
• Solid Ceramic Construction
• No Internal Dendrite Growth
• Meets EIA PDP-100 SOGN-0002 Outline
• Application Specific Circuits are Available
• Compatible with Solder Reflow Process
• Tape and Reel Packaging or Slide Packs
RoHS Compliant in Accordance with EU Directive 2011/65/EU
- Lead-Free Termination Finish
- Exemption 7(c)-I, Electrical and electronic components containing lead [Pb] in glass
ORDERING INFORMATION
Notes:
1. No dashes or spaces to appear in part number.
2. Example Part Numbers;
Tape & Reel, 768141103GPTR13.
Slide Pack, 768141103GP.
RESISTOR CODE
Refer to tables on Page 2.
[Codes are 3 - 4 characters.]
Blank = Slide Pack
TR13 = Tape & Reel, 13" reel
Schematic 1 & 3
J = ±5%
G = ±2% [Std]
F = ±1%
D = ±1/2%
Schematic 5
Tolerance code is not added for
dual terminator configuration.
Standard tolerance is ±2%.
TOLERANCE
Lead Finish: SnAgCu over Ni
barrier on Cu lead wire.
RoHS COMPLIANT
Schematic 7
F = ±1 LSB
D = ±1/2 LSB
[LSB = Least Significant Bit]
PACKAGING
SCHEMATIC
NUMBER OF PINS
P
768
1 - Bussed Circuit
3 - Isolated Circuit
5 - Dual Terminator Circuit
7 - Ladder
14 = 14 pins
16 = 16 pins
20 = 20 pins
Contact your local CTS Representative or CTS Customer Service for availability.
Not all performance combinations and resistor values may be available.


Similar Part No. - 768203DPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768203103DP CTS-768203103DP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768203103DPTR13 CTS-768203103DPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768203103FP CTS-768203103FP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768203103FPTR13 CTS-768203103FPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768203103GP CTS-768203103GP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
More results

Similar Description - 768203DPTR13

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
OPTION300 BOARDCOM-OPTION300 Datasheet
123Kb / 6P
   Gull Wing Surface Mount Option for Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2630 AVAGO-HCPL-2630 Datasheet
123Kb / 6P
   Gull Wing Surface Mount Option for Optocouplers
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
logo
Micropac Industries
66288 MICROPAC-66288 Datasheet
46Kb / 2P
   HIGH GAIN GULL WING OPTOCOUPLER
logo
LUMEX INC.
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
logo
Tyco Electronics
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
logo
DOMINANT Semiconductors
DDB-CRS-PQ2-1 DOMINANT-DDB-CRS-PQ2-1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
logo
Marktech Corporate
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
logo
LUMEX INC.
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com