Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN-138 Datasheet(PDF) 6 Page - Exar Corporation

Part # DAN-138
Description  EXAR?셎 XR16L2550 AND XR16L2551 COMPARED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-138 Datasheet(HTML) 6 Page - Exar Corporation

  DAN-138 Datasheet HTML 1Page - Exar Corporation DAN-138 Datasheet HTML 2Page - Exar Corporation DAN-138 Datasheet HTML 3Page - Exar Corporation DAN-138 Datasheet HTML 4Page - Exar Corporation DAN-138 Datasheet HTML 5Page - Exar Corporation DAN-138 Datasheet HTML 6Page - Exar Corporation DAN-138 Datasheet HTML 7Page - Exar Corporation DAN-138 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN138
6
1.3.2.1
Summary of Differences Between the XR16L2551 and TL16C752B
Some differences between the XR16L2551 and TL16C752B are summarized in the table below.
TABLE 6: DIFFERENCES BETWEEN EXARS XR16L2551 WITH TI’S TL16C752B
COMPARISON
XR16L2551
TL16C752B
Data Bus Standard
Intel and Motorola
Intel
Power Supply Operation
2.5, 3.3 and 5 V
3.3 V only
5V Tolerant Inputs
5V Tolerant Inputs
No
Max Operating Current
1 mA @ 2.5 V
1.3 mA @ 3.3 V
3 mA @ 5 V
20 mA @ 3.3 V
Max Frequency on XTAL1
16 MHz @ 2.5 V
30 MHz @ 3.3 V
50 MHz @ 5 V
48 MHz @ 3.3 V
Data Sampling Rates
16X
16X
BRG Prescaler
1 or 4
1 or 4
Max Data Rate
1 Mbps @ 2.5 V at 8X
1.875 Mbps @ 3.3 V at 8X
3.125 Mbps @ 5 V at 8X
3 Mbps @ 3.3 V
Package
48-TQFP, 32-QFN
48-LQFP
Operating Temperature Ranges
Commercial and Industrial
Commercial and Industrial
48-QFP package thickness
1.2 mm
1.6 mm
TX/RX FIFO Size
64
64
TX/RX Trigger Tables
1 Trigger Table
2 Trigger Tables
TX/RX FIFO Interrupt Trigger Levels
4 Selectable
16 Selectable (TLR)
4 Selectable (TLR = 0)
Single FIFO Ready Status Register
No
FIFO Ready Status Register
Hardware Flow Control
Auto RTS/CTS Flow Control
Auto RTS/CTS Flow Control
Software Flow Control
Auto Xon/Xoff Flow Control
Auto Xon/Xoff Flow Control
Auto Hysteresis Level
Next Upper and Lower trigger level
16 Selectable Levels
Select Upper and Lower Hysteresis
Levels irrespective of trigger level
Infrared Mode
IrDA encoder/decoder (ver 1.0)
No
Sleep Mode
Sleep Mode with Auto Wake-up
Sleep Mode with Auto Wake-up
Powerdown Mode
Power-Save Mode
No
Diagnostic Modes
Local Loopback
Local Loopback


Similar Part No. - DAN-138

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-130 EXAR-DAN-130 Datasheet
114Kb / 11P
   EXAR?셎 DUARTS COMPARED WITH TI?셎 TL16C752B
DAN-131 EXAR-DAN-131 Datasheet
81Kb / 6P
   EXAR?셎 ST16C650A AND XR16C850 COMPARED
DAN-132 EXAR-DAN-132 Datasheet
118Kb / 9P
   EXAR?셎 SINGLE CHANNEL UARTS COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-134 EXAR-DAN-134 Datasheet
72Kb / 6P
   EXAR?셎 ST16C654 AND XR16C854 COMPARED
More results

Similar Description - DAN-138

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-140 EXAR-DAN-140 Datasheet
34Kb / 3P
   EXAR?셎 XR16C850 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-143 EXAR-DAN-143 Datasheet
29Kb / 3P
   EXAR?셎 XR17C154 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
DAN-134 EXAR-DAN-134 Datasheet
72Kb / 6P
   EXAR?셎 ST16C654 AND XR16C854 COMPARED
DAN-126 EXAR-DAN-126 Datasheet
25Kb / 2P
   EXAR?셎 XR16L788 COMPARED
DAN-139 EXAR-DAN-139 Datasheet
49Kb / 5P
   EXAR?셎 XR16L580 COMPARED
DAN-141 EXAR-DAN-141 Datasheet
25Kb / 2P
   EXAR?셎 XR16C854 COMPARED
DAN-144 EXAR-DAN-144 Datasheet
29Kb / 3P
   EXAR?셎 XR16L784 COMPARED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com