Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNx4AHCT240 Datasheet(PDF) 7 Page - Texas Instruments

Part # SNx4AHCT240
Description  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNx4AHCT240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNx4AHCT240 Datasheet HTML 3Page - Texas Instruments SNx4AHCT240 Datasheet HTML 4Page - Texas Instruments SNx4AHCT240 Datasheet HTML 5Page - Texas Instruments SNx4AHCT240 Datasheet HTML 6Page - Texas Instruments SNx4AHCT240 Datasheet HTML 7Page - Texas Instruments SNx4AHCT240 Datasheet HTML 8Page - Texas Instruments SNx4AHCT240 Datasheet HTML 9Page - Texas Instruments SNx4AHCT240 Datasheet HTML 10Page - Texas Instruments SNx4AHCT240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
7
SN54AHCT240, SN74AHCT240
www.ti.com
SCLS252M – OCTOBER 1995 – REVISED APRIL 2016
Product Folder Links: SN54AHCT240 SN74AHCT240
Submit Documentation Feedback
Copyright © 1995–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SNx4AHCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNx4AHCT245 TI1-SNx4AHCT245 Datasheet
1Mb / 32P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

Similar Description - SNx4AHCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com