Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN-134 Datasheet(PDF) 1 Page - Exar Corporation

Part # DAN-134
Description  EXAR?셎 ST16C654 AND XR16C854 COMPARED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-134 Datasheet(HTML) 1 Page - Exar Corporation

  DAN-134 Datasheet HTML 1Page - Exar Corporation DAN-134 Datasheet HTML 2Page - Exar Corporation DAN-134 Datasheet HTML 3Page - Exar Corporation DAN-134 Datasheet HTML 4Page - Exar Corporation DAN-134 Datasheet HTML 5Page - Exar Corporation DAN-134 Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EXAR Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com • uarttechsupport@exar.com
DATA COMMUNICATIONS APPLICATION NOTE
DAN134
June 2002
EXAR’S ST16C654 AND XR16C854 COMPARED WITH TI’S TL16C754B
Author: PY
1.0
INTRODUCTION
This application note describes the major difference between Exar’s ST16C654 and XR16C854 with TI’s
TL16C754B. These devices are similar, with a few hardware, bus timing and firmware-related differences.
1.1
HARDWARE DIFFERENCES
• The TI TL16C754B and Exar’s ST16C654 and XR16C854 are all available in the 68-pin PLCC package.
The Exar QUARTs are also available in the 64-pin TQFP and 100-pin QFP packages while the TI QUART is
available in a 80-pin QFP package. The Exar and TI QUART are pin-to-pin compatible in the 68-pin PLCC
package.
• The oscillator circuitry is similar, but there are some differences when using a crystal oscillator and when
using an external clock. See Figure 1below for the differences in the oscillator circuitry for a crystal oscillator.
When using an external clock input for frequencies greater than 24 MHz, the Exar QUARTs will require a 2K
pull-up resistor on the XTAL2 pin.
1.2
BUS TIMING DIFFERENCES
• The TL16C754B requires that the -CS pin is asserted first before the -IOR or -IOW pin and the -IOR or -IOW
pin must be de-asserted before the -CS pin is de-asserted. During a read, the Exar DUARTs can have either
the -CS or the -IOR signal asserted first and have either signal be de-asserted first. The signals are wire-
ORed in the Exar DUARTs, therefore the second signal asserted will initiate the read cycle and the first signal
de-asserted terminates the read cycle. The same is true during a write for -CS and -IOW. The flexibility of
the Exar DUARTs timing can be important in DSP, ARM, and MIPS designs.
FIGURE 1. CRYSTAL OSCILLATOR CIRCUITRY DIFFERENCES
C1
10-30 pF
C2
40-60 pF
Y1
1.8432
MHz
to
16
MHz
R1
1.5 K
R2
1 ΜΩ
XTAL1
XTAL2
C1
22-47 pF
C2
22-47 pF
Y1
1.8432
MHz
to
24
MHz
R1
0-120
(Optional)
R2
500 ΚΩ − 1 ΜΩ
XTAL1
XTAL2
Exar QUART
TL16C754B


Similar Part No. - DAN-134

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-130 EXAR-DAN-130 Datasheet
114Kb / 11P
   EXAR?셎 DUARTS COMPARED WITH TI?셎 TL16C752B
DAN-131 EXAR-DAN-131 Datasheet
81Kb / 6P
   EXAR?셎 ST16C650A AND XR16C850 COMPARED
DAN-132 EXAR-DAN-132 Datasheet
118Kb / 9P
   EXAR?셎 SINGLE CHANNEL UARTS COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
More results

Similar Description - DAN-134

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-141 EXAR-DAN-141 Datasheet
25Kb / 2P
   EXAR?셎 XR16C854 COMPARED
DAN-140 EXAR-DAN-140 Datasheet
34Kb / 3P
   EXAR?셎 XR16C850 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-143 EXAR-DAN-143 Datasheet
29Kb / 3P
   EXAR?셎 XR17C154 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
DAN-126 EXAR-DAN-126 Datasheet
25Kb / 2P
   EXAR?셎 XR16L788 COMPARED
DAN-139 EXAR-DAN-139 Datasheet
49Kb / 5P
   EXAR?셎 XR16L580 COMPARED
DAN-144 EXAR-DAN-144 Datasheet
29Kb / 3P
   EXAR?셎 XR16L784 COMPARED
DAN-138 EXAR-DAN-138 Datasheet
68Kb / 8P
   EXAR?셎 XR16L2550 AND XR16L2551 COMPARED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com