Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN-132 Datasheet(PDF) 3 Page - Exar Corporation

Part # DAN-132
Description  EXAR?셎 SINGLE CHANNEL UARTS COMPARED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-132 Datasheet(HTML) 3 Page - Exar Corporation

  DAN-132 Datasheet HTML 1Page - Exar Corporation DAN-132 Datasheet HTML 2Page - Exar Corporation DAN-132 Datasheet HTML 3Page - Exar Corporation DAN-132 Datasheet HTML 4Page - Exar Corporation DAN-132 Datasheet HTML 5Page - Exar Corporation DAN-132 Datasheet HTML 6Page - Exar Corporation DAN-132 Datasheet HTML 7Page - Exar Corporation DAN-132 Datasheet HTML 8Page - Exar Corporation DAN-132 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN132
3
1.3.3
Firmware Differences Between the TL16C550C and ST16C580
The internal registers in the TL16C550C and ST16C580 are similar but with some exceptions:
R = Read-Only, W = Write-Only, R/W = Read/Write
TABLE 3: ST16C580 AND TL16C550C REGISTER SET DIFFERENCES
A2:A0
R/W
ST16C580
TL16C550C
LCR Bit-7 = 0
001
R/W
Interrupt Enable Register (IER)
Bit-7 = Auto CTS# Interrupt Enable
Bit-6 = Auto RTS# Interrupt Enable
Bit-5 = Xoff Interrupt Enable
Bit-4 = Sleep Mode Enable
Interrupt Enable Register (IER)
Bit-7 = Not Used
Bit-6 = Not Used
Bit-5 = Not Used
Bit-4 = Not Used
010
W
FIFO Control Register (FCR)
Bit-5 = TX FIFO Trigger Level Select Bit-1
Bit-4 = TX FIFO Trigger Level Select Bit-0
FIFO Control Register (FCR)
Bit-5 = Not Used
Bit-4 = Not Used
010
R
Interrupt Status Register (ISR)
Bit-5 = Auto RTS/CTS Interrupt
Bit-4 = Xoff or Special Character Interrupt
Interrupt Status Register (ISR)
Bit-5 = Not Used
Bit-4 = Not Used
100
R/W
Modem Control Register (MCR)
Bit-7 = BRG Prescaler Select
Bit-6 = IR Mode Enable
Bit-5 = Not Used
Modem Control Register (MCR)
Bit-7 = Not Used
Bit-6 = Not Used
Bit-5 = Auto RTS/CTS Flow Control Enable
LCR = 0xBF
010
R/W
Enhanced Feature Register (EFR)
Auto RTS/CTS Enable, Enhanced Functions
Enable, Software Flow Control Select
N/A
100
R/W
XON1
N/A
101
R/W
XON2
N/A
110
R/W
XOFF1
N/A
111
R/W
XOFF2
N/A


Similar Part No. - DAN-132

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-130 EXAR-DAN-130 Datasheet
114Kb / 11P
   EXAR?셎 DUARTS COMPARED WITH TI?셎 TL16C752B
DAN-131 EXAR-DAN-131 Datasheet
81Kb / 6P
   EXAR?셎 ST16C650A AND XR16C850 COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-134 EXAR-DAN-134 Datasheet
72Kb / 6P
   EXAR?셎 ST16C654 AND XR16C854 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
More results

Similar Description - DAN-132

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-140 EXAR-DAN-140 Datasheet
34Kb / 3P
   EXAR?셎 XR16C850 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-143 EXAR-DAN-143 Datasheet
29Kb / 3P
   EXAR?셎 XR17C154 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
DAN-126 EXAR-DAN-126 Datasheet
25Kb / 2P
   EXAR?셎 XR16L788 COMPARED
DAN-139 EXAR-DAN-139 Datasheet
49Kb / 5P
   EXAR?셎 XR16L580 COMPARED
DAN-141 EXAR-DAN-141 Datasheet
25Kb / 2P
   EXAR?셎 XR16C854 COMPARED
DAN-144 EXAR-DAN-144 Datasheet
29Kb / 3P
   EXAR?셎 XR16L784 COMPARED
DAN-124 EXAR-DAN-124 Datasheet
30Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com