Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN-124 Datasheet(PDF) 1 Page - Exar Corporation

Part # DAN-124
Description  EXAR?셎 XR88C92/192 COMPARED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-124 Datasheet(HTML) 1 Page - Exar Corporation

  DAN-124 Datasheet HTML 1Page - Exar Corporation DAN-124 Datasheet HTML 2Page - Exar Corporation DAN-124 Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EXAR Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com • uarttechsupport@exar.com
DATA COMMUNICATIONS APPLICATION NOTE
DAN124
June 2002
EXAR’S XR88C92/192 COMPARED WITH PHILIPS’S SC26C92
Author: PY
1.0
INTRODUCTION
This application note describes the major difference between Exar’s XR88C92/192 with Philips’s SC26C92.
These devices are very similar, with a few hardware, firmware-related and bus timing differences.
1.1
HARDWARE DIFFERENCES
• The Philips SC26C92 and Exar XR88C92/192 are both available in three footprints: 44-pin PLCC, 44-pin
QFP and 40-pin DIP. The Exar and Philips DUARTs are pin-to-pin compatible in all three footprints.
• The Exar’s 44-pin TQFP package is the same size and has the same pitch as the Philips’ 44-pin QFP pack-
age. But they differ in the package thickness and the lead length. See the list below:
Exar
Philips
Thickness:
1.4mm
1.75mm
Lead Length, Lp:
0.45mm < Lp < 0.75mm
0.55mm < Lp < 0.95mm
1.2
FIRMWARE DIFFERENCES
All the internal registers in the SC26C92 and XR88C92/192 are identical with only one exception:
• Since the XR88C192 has a 16-byte FIFO as compared to a 8-byte FIFO in the SC26C92, the selectable
transmit and receive trigger levels are different.
1.3
BUS TIMING DIFFERENCES
• The XR88C92/192 is faster than the SC26C92. For example, the data access time (from -CS low to data
valid) during a read is a maximum of 32 ns for the XR88C92/192, whereas it is a maximum of 55 ns for the
SC26C92.


Similar Part No. - DAN-124

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-120 EXAR-DAN-120 Datasheet
35Kb / 3P
   EXAR?셎 XR68C92/192 AND XR88C92/192 COMPARED
DAN-121 EXAR-DAN-121 Datasheet
30Kb / 3P
   EXAR?셎 XR68C92/192 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-123 EXAR-DAN-123 Datasheet
32Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
More results

Similar Description - DAN-124

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-123 EXAR-DAN-123 Datasheet
32Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
DAN-120 EXAR-DAN-120 Datasheet
35Kb / 3P
   EXAR?셎 XR68C92/192 AND XR88C92/192 COMPARED
DAN-121 EXAR-DAN-121 Datasheet
30Kb / 3P
   EXAR?셎 XR68C92/192 COMPARED
DAN-140 EXAR-DAN-140 Datasheet
34Kb / 3P
   EXAR?셎 XR16C850 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-143 EXAR-DAN-143 Datasheet
29Kb / 3P
   EXAR?셎 XR17C154 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
DAN-126 EXAR-DAN-126 Datasheet
25Kb / 2P
   EXAR?셎 XR16L788 COMPARED
DAN-139 EXAR-DAN-139 Datasheet
49Kb / 5P
   EXAR?셎 XR16L580 COMPARED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com