Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1GU04 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1GU04
Description  Single 2-Input Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1GU04 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC1GU04 Datasheet HTML 1Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 2Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 3Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 4Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 5Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 6Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 7Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 8Page - Texas Instruments SN74AHC1GU04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN74AHC1GU04
SCLS343R – APRIL 1996 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through each VCC or GND
±50
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1000
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.7
VIH
High-level input voltage
VCC = 3 V
2.4
V
VCC = 5.5 V
4.4
VCC = 2 V
0.3
VIL
Low-level input voltage
VCC = 3 V
0.6
V
VCC = 5.5 V
1.1
VIH
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
–50
µA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
–4
mA
VCC = 5 V ± 0.5 V
–8
VCC = 2 V
50
µA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
VCC = 5 V ± 0.5 V
8
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
4
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1GU04


Similar Part No. - SN74AHC1GU04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1GU04 TI-SN74AHC1GU04 Datasheet
70Kb / 9P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04 Datasheet
439Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1GU04 TI1-SN74AHC1GU04 Datasheet
1Mb / 28P
[Old version datasheet]   Single Inverter Gate
SN74AHC1GU04DBV TI-SN74AHC1GU04DBV Datasheet
70Kb / 9P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - SN74AHC1GU04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
STMicroelectronics
HCC4085B STMICROELECTRONICS-HCC4085B Datasheet
298Kb / 13P
   DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com