Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

767143JPTR13 Datasheet(PDF) 3 Page - CTS Corporation

Part # 767143JPTR13
Description  Medium Body Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

767143JPTR13 Datasheet(HTML) 3 Page - CTS Corporation

  767143JPTR13 Datasheet HTML 1Page - CTS Corporation 767143JPTR13 Datasheet HTML 2Page - CTS Corporation 767143JPTR13 Datasheet HTML 3Page - CTS Corporation 767143JPTR13 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0349-0
Page 3 - 4
Rev. C
Series 767
Surface Mount Resistor Network
ELECTRICAL & ENVIRONMENTAL CHARACTERISTICS
PACKAGING INFORMATION
Tape & Reel
14 Pin
16 Pin
Tape Width
24mm
24mm
Tape Pitch
12mm
12mm
Reel Diameter
13"
13"
No. Parts/Reel
2,000
2,000
GENERAL REQUIREMENTS
Resistance Range:
Resistance Tolerance:
Standard: 10 Ohms to 1M Ohms
Standard: ±2% or 0.5 Ohms [whichever is greater]
Special: ±0.25% or 0.3 Ohms [whichever is greater]
Operating Temperature Range:
-55°C to +125°C
Dielectric Strength:
100 VAC
Temperature Coefficient:
10 Ohms to 99 Ohms - ±200ppm/°C typical
Maximum Operating Voltage:
100 Ohms to 1M Ohms - ±100ppm/°C typical
50 V, not to exceed rated power
CIRCUIT TYPES
ENVIRONMENTAL
Temperature Cycling
0.25%
107
Condition B; 5 cycles, -65°C to +125°C
Short Time Overload
0.25%
2 1/2 times rated voltage, 5 seconds [100V maximum]
Moisture Resistance
0.50%
106
240 hours, -10°C to +65°C, 90% RH, 0.1 rated load
Load Humidity
1.00%
1000 hours, +70°C, 85-92% RH, 0.1 rated load
High Temperature Exposure
1.00%
240 hours @ +125°C, no load
Load Life
1.00%
108
Condition F; 2000 hours @ +70°C, rated load
Resistance to Solder Heat
0.25%
30 seconds @ +218°C, dwell
Mechanical Shock
0.25%
213
Condition I; 100g, 1m second, 3 shocks each plane
Vibration
0.25%
204
Condition D; 20g, 10-2000Hz, 4 hours/plane
Terminal Strength
0.25%
24 hours @ -65°C, no load
Low Temperature Storage
0.25%
45 minutes @ -65°C, no load
Low Temperature Operation
0.25%
94V-0
Flammability
N/A
20g, 10-2000Hz, 4 hours/plane
Non-Fungus
Pass
MIL-STD 810C
Resistance to Solvents
Pass
Isopropyl alcohol
Solderability
Pass
RMA Flux, +230°C, 5 seconds dip, 95% coverage
TEST CONDITION/DESCRIPTION
TEST
MAXIMUM %
DELTA R
MIL-STD 202
METHOD
Slide Packs
14 Pin
16 Pin
Tube Length
20"
20"
No. Parts/Slide Pack
48
43
POWER RATING
[Total Network Power]
Temperature
14 Pin
16 Pin
@25°C
2.0W
2.3W
@70°C
1.3W
1.5W
MAXIMUM RESISTOR POWER
[Not to exceed total network power]
Schematic
1
3
5
7
@25°C
0.15W
0.30W
0.15W
0.15W
@70°C
0.10W
0.20W
0.10W
0.10W
BUSSED [Schematic 1]
ISOLATED [Schematic 3]
DUAL TERMINATOR [Schematic 5]
R/2R LADDER [Schematic 7]


Similar Part No. - 767143JPTR13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
767143-1 MACOM-767143-1 Datasheet
954Kb / 24P
   MICTOR Right-Angle Receptacles
767143-2 MACOM-767143-2 Datasheet
954Kb / 24P
   MICTOR Right-Angle Receptacles
767143-3 MACOM-767143-3 Datasheet
954Kb / 24P
   MICTOR Right-Angle Receptacles
767143-4 MACOM-767143-4 Datasheet
954Kb / 24P
   MICTOR Right-Angle Receptacles
767143-5 MACOM-767143-5 Datasheet
954Kb / 24P
   MICTOR Right-Angle Receptacles
More results

Similar Description - 767143JPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767163270GP CTS-767163270GP Datasheet
93Kb / 4P
   Medium Body Design
767143101GP CTS-767143101GP Datasheet
93Kb / 4P
   Medium Body Design
767163471G CTS-767163471G Datasheet
214Kb / 5P
   Medium Body Design
767163152GP CTS-767163152GP Datasheet
93Kb / 4P
   Medium Body Design
768161472G CTS-768161472G Datasheet
95Kb / 4P
   Medium Body Design
767163181GP CTS-767163181GP Datasheet
214Kb / 5P
   Medium Body Design
767161471GP CTS-767161471GP Datasheet
93Kb / 4P
   Medium Body Design
767163151G CTS-767163151G Datasheet
93Kb / 4P
   Medium Body Design
768143471GP CTS-768143471GP Datasheet
95Kb / 4P
   Medium Body Design
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com