Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1053P100 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1053P100
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1053P100 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1053P100 Datasheet HTML 1Page - ON Semiconductor NCP1053P100 Datasheet HTML 2Page - ON Semiconductor NCP1053P100 Datasheet HTML 3Page - ON Semiconductor NCP1053P100 Datasheet HTML 4Page - ON Semiconductor NCP1053P100 Datasheet HTML 5Page - ON Semiconductor NCP1053P100 Datasheet HTML 6Page - ON Semiconductor NCP1053P100 Datasheet HTML 7Page - ON Semiconductor NCP1053P100 Datasheet HTML 8Page - ON Semiconductor NCP1053P100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2003
July, 2003 − Rev. 7
1
Publication Order Number:
NCP1050/D
NCP1050, NCP1051,
NCP1052, NCP1053,
NCP1054, NCP1055
Monolithic High Voltage
Gated Oscillator Power
Switching Regulator
The NCP1050 through NCP1055 are monolithic high voltage
regulators that enable end product equipment to be compliant with low
standby power requirements. This device series combines the required
converter functions allowing a simple and economical power system
solution for office automation, consumer, and industrial products.
These devices are designed to operate directly from a rectified AC line
source. In flyback converter applications they are capable of providing
an output power that ranges from 6.0 W to 40 W with a fixed AC input
of 100 V, 115 V, or 230 V, and 3.0 W to 20 W with a variable AC input
that ranges from 85 V to 265 V.
This device series features an active startup regulator circuit that
eliminates the need for an auxiliary bias winding on the converter
transformer, fault detector and a programmable timer for converter
overload protection, unique gated oscillator configuration for extremely
fast loop response with double pulse suppression, power switch current
limiting, input undervoltage lockout with hysteresis, thermal shutdown,
and auto restart fault detection. These devices are available in
economical 8−pin dual−in−line and 4−pin SOT−223 packages.
Features
Startup Circuit Eliminates the Need for Transformer Auxiliary Bias
Winding
Optional Auxiliary Bias Winding Override for Lowest Standby
Power Applications
Converter Output Overload and Open Loop Protection
Auto Restart Fault Protection
IC Thermal Fault Protection
Unique, Dual Edge, Gated Oscillator Configuration for Extremely
Fast Loop Response
Oscillator Frequency Dithering with Controlled Slew Rate Driver for
Reduced EMI
Low Power Consumption Allowing European Blue Angel Compliance
On−Chip 700 V Power Switch Circuit and Active Startup Circuit
Rectified AC Line Source Operation from 85 V to 265 V
Input Undervoltage Lockout with Hysteresis
Oscillator Frequency Options of 44 kHz, 100 kHz, 136 kHz
Typical Applications
AC−DC Converters
Wall Adapters
Portable Electronic Chargers
Low Power Standby and Keep−Alive Supplies
DIP−8
CASE 626A
P SUFFIX
1
8
MARKING
DIAGRAMS
X
= Current Limit (0, 1, 2, 3, 4, 5)
Z
= Oscillator Frequency (A, B, C)
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1
8
Pin: 1.
VCC
2.
Control Input
3, 7−8. Ground
4.
No Connection
5.
Power Switch Drain
NCP105XZ
AWL
YYWW
See detailed ordering and shipping information on page 22 of
this data sheet.
ORDERING INFORMATION
http://onsemi.com
SOT−223
CASE 318E
ST SUFFIX
1
4
N5XZ
ALYW
Pin: 1. VCC
2. Control Input
3. Power Switch Drain
4. Ground
1
4


Similar Part No. - NCP1053P100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1053P100 ONSEMI-NCP1053P100 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1053P100G ONSEMI-NCP1053P100G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1053P100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com