Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4781TABD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4781TABD
Description  Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4781TABD Datasheet(HTML) 1 Page - Texas Instruments

  LM4781TABD Datasheet HTML 1Page - Texas Instruments LM4781TABD Datasheet HTML 2Page - Texas Instruments LM4781TABD Datasheet HTML 3Page - Texas Instruments LM4781TABD Datasheet HTML 4Page - Texas Instruments LM4781TABD Datasheet HTML 5Page - Texas Instruments LM4781TABD Datasheet HTML 6Page - Texas Instruments LM4781TABD Datasheet HTML 7Page - Texas Instruments LM4781TABD Datasheet HTML 8Page - Texas Instruments LM4781TABD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM4781, LM4781TABD
www.ti.com
SNAS208A – AUGUST 2003 – REVISED APRIL 2013
LM4781 Overture™ Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
with Mute
Check for Samples: LM4781, LM4781TABD
1
FEATURES
DESCRIPTION
The LM4781 is a three channel audio amplifier
23
SPiKe Protection
capable of typically delivering 35W per channel of
Low External Component Count
continuous average output power into an 8
Ω load
Quiet Fade-In/Out Mute Mode
with less than 0.5% THD+N from 20Hz - 20kHz.
Wide Supply Range: 20V - 70V
The LM4781 is fully protected utilizing TI's Self Peak
Signal-to-Noise Ratio
≥ 93dB (ref. to PO = 1W)
Instantaneous Temperature (°Ke) (SPiKe) protection
circuitry. SPiKe provides a dynamically optimized
Safe
Operating
Area
(SOA).
SPiKe
protection
APPLICATIONS
completely safeguards the LM4781's outputs against
Audio Amplifier for Component Stereo
over-voltage, under-voltage, overloads, shorts to the
Audio Amplifier for Compact Stereo
supplies or GND, thermal runaway and instantaneous
temperature peaks. The advanced protection features
Audio Amplifier for Self-Powered Speakers
of the LM4781 places it in a class above discrete and
Audio Amplifier for High-End and HD TVs
hybrid amplifiers.
Each amplifier of the LM4781 has an independent
KEY SPECIFICATIONS
smooth transition fade-in/out mute.
Output Power/Channel with 0.5% THD+N, 1kHz
The LM4781 can easily be configured for bridge or
into 8
Ω: 35W (typ)
parallel operation for higher power and bi-amp
THD+N at 3 x 20W into 8
Ω (20Hz - 20kHz): 0.2%
solutions.
(typ)
THD+N at 3 x 20W into 6
Ω (20Hz - 20kHz): 0.3%
(typ)
THD+N at 3 x 20W into 4
Ω (20Hz - 20kHz): 0.5%
(typ)
Mute Attenuation: 110dB (typ)
PSRR: 85dB (min)
Slew Rate: 9V/
μs (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Overture is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4781TABD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4781TABD TI1-LM4781TABD Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
More results

Similar Description - LM4781TABD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
International Rectifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
NTE Electronics
NTE1282 NTE-NTE1282 Datasheet
79Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 35W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com