Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4780TABD Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4780TABD
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4780TABD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4780TABD Datasheet HTML 6Page - Texas Instruments LM4780TABD Datasheet HTML 7Page - Texas Instruments LM4780TABD Datasheet HTML 8Page - Texas Instruments LM4780TABD Datasheet HTML 9Page - Texas Instruments LM4780TABD Datasheet HTML 10Page - Texas Instruments LM4780TABD Datasheet HTML 11Page - Texas Instruments LM4780TABD Datasheet HTML 12Page - Texas Instruments LM4780TABD Datasheet HTML 13Page - Texas Instruments LM4780TABD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM4780, LM4780TABD
SNAS193B – JULY 2003 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency ± 25V, POUT = 1W & 30W/Channel
THD+N vs Frequency ± 30V, POUT = 1W & 30W/Channel
RL= 4Ω, 80kHz BW
RL= 6Ω, 80kHz BW
Figure 7.
Figure 8.
THD+N vs Frequency ± 35V, POUT = 1W & 30W/Channel
RL= 8Ω, 80kHz BW
THD+N vs Output Power/Channel ± 25V, RL= 4Ω, 80kHz BW
Figure 9.
Figure 10.
THD+N vs Output Power/Channel ± 30V, RL= 6Ω, 80kHz BW
THD+N vs Output Power/Channel ± 35V, RL= 8Ω, 80kHz BW
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4780 LM4780TABD


Similar Part No. - LM4780TABD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4780TA NSC-LM4780TA Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
More results

Similar Description - LM4780TABD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Fangtek Ltd.
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
   1.25W Mono Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
   3W mono audio power amplifier
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com