Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4780 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4780
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4780 Datasheet(HTML) 4 Page - Texas Instruments

  LM4780 Datasheet HTML 1Page - Texas Instruments LM4780 Datasheet HTML 2Page - Texas Instruments LM4780 Datasheet HTML 3Page - Texas Instruments LM4780 Datasheet HTML 4Page - Texas Instruments LM4780 Datasheet HTML 5Page - Texas Instruments LM4780 Datasheet HTML 6Page - Texas Instruments LM4780 Datasheet HTML 7Page - Texas Instruments LM4780 Datasheet HTML 8Page - Texas Instruments LM4780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM4780, LM4780TABD
SNAS193B – JULY 2003 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage |V+| + |V-| (No Signal)
94V
Supply Voltage |V+| + |V-| (Input Signal)
84V
Common Mode Input Voltage
(V+ or V-) and |V+| + |V-|
≤ 80V
Differential Input Voltage(4)
60V
Output Current
Internally Limited
Power Dissipation(5)
125W
ESD Susceptability(6)
3.0kV
ESD Susceptability(7)
200V
Junction Temperature (TJMAX)
(8)
150°C
Soldering Information
TA Package (10 seconds)
260°C
Storage Temperature
-40°C to +150°C
θJA
30°C/W
Thermal Resistance
θJC
0.8°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground pins, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The Differential Input Voltage Absolute Maximum Rating is based on supply voltages V+ = 40V and V-= - 40V.
(5)
The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJC, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX -TA) / θJC or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM4780, TJMAX = 150°C and the typical θJC is 0.8°C/W. Refer to the THERMAL PROTECTION section for
more information.
(6)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(7)
Machine Model: a 220pF - 240pF discharged through all pins.
(8)
The maximum operating junction temperature is 150°C. However, the instantaneous Safe Operating Area temperature is 250°C.
Operating Ratings
(1) (2) (3)
Temperature Range
TMIN ≤ TA ≤ TMAX
−20°C ≤ TA ≤ +85°C
Supply Voltage |V+| + |V-|
20V
≤ VTOTAL ≤ 84V
(1)
All voltages are measured with respect to the ground pins, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
Operation is specified up to 84V; however, distortion may be introduced from SPiKe protection circuitry if proper thermal considerations
are not taken into account. Refer to the THERMAL PROTECTION section for more information.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4780 LM4780TABD


Similar Part No. - LM4780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
LM4780TA NSC-LM4780TA Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
More results

Similar Description - LM4780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Fangtek Ltd.
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
   1.25W Mono Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
   3W mono audio power amplifier
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com